Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8975A Datasheet(PDF) 4 Page - Keysight Technologies

Part # N8975A
Description  NFA Series Noise Figure Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8975A Datasheet(HTML) 4 Page - Keysight Technologies

  N8975A Datasheet HTML 1Page - Keysight Technologies N8975A Datasheet HTML 2Page - Keysight Technologies N8975A Datasheet HTML 3Page - Keysight Technologies N8975A Datasheet HTML 4Page - Keysight Technologies N8975A Datasheet HTML 5Page - Keysight Technologies N8975A Datasheet HTML 6Page - Keysight Technologies N8975A Datasheet HTML 7Page - Keysight Technologies N8975A Datasheet HTML 8Page - Keysight Technologies N8975A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristic1 noise figure at 23° C ±3° C (10 MHz to 3.0 GHz)
For NFA models that have either a serial prefix of GB4446 or greater or are fitted with Noise Figure RF board, N8972-60101.
Characteristic1 noise figure at 23° C ±3° C (3.0 GHz to 26.5 GHz)
Maximum external gain between noise source output and RF input2
> 65 dB
Averaging
Up to 999 measurement results
Jitter3
Jitter with no averaging4
5 dB Y-factor standard deviation < 0.1 dB
4
1.
Characteristic values are met or bettered by 90% of instruments with 90% confidence.
2.
Subject to maximum operating input power.
3.
Specified for a 4 MHz measurement bandwidth. Jitter in noise figure is equivalent to jitter in Y-factor to within 10% for ENR > 14 dB and F < 4 dB.
At minimum smoothing, jitter can limit accuracy; the small jitter at high smoothing does not.
4.
For true Gaussian noise, jitter reduces with increased averaging typically by a factor of 1/
√(number of averages).


Similar Part No. - N8975A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8975A HP-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8975A HP-N8975A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N8975A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8974A KEYSIGHT-N8974A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Keysight Technologies
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
W9069A KEYSIGHT-W9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com