Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8974A Datasheet(PDF) 9 Page - Keysight Technologies

Part # N8974A
Description  NFA Series Noise Figure Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8974A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N8974A Datasheet HTML 4Page - Keysight Technologies N8974A Datasheet HTML 5Page - Keysight Technologies N8974A Datasheet HTML 6Page - Keysight Technologies N8974A Datasheet HTML 7Page - Keysight Technologies N8974A Datasheet HTML 8Page - Keysight Technologies N8974A Datasheet HTML 9Page - Keysight Technologies N8974A Datasheet HTML 10Page - Keysight Technologies N8974A Datasheet HTML 11Page - Keysight Technologies N8974A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
General specifications
Data storage (nominal)
Internal drive
30 traces, states or ENR tables
Floppy disk
30 traces, states or ENR tables
Power requirements
On (line 1)
90 to 132 V rms, 47 to 440 Hz
195 to 250 V rms, 47 to 66 Hz
Power consumption< 300 W
Standby (line 0)
< 5 W
Dimensions
Without handle
222mm(H) x 410mm(D) x 375mm(W)
With handle (max)
222mm(H) x 515mm(D) x 409mm(W)
Weight (typical, without options)
N8973A
15.5 kg (34.2 lbs.)
N8974A
17.5 kg (38.61 lbs.)
N8975A
17.5 kg (38.61 lbs.)
Audible noise
< 42 dBa pressure and < 5.0 bels power (ISODP7779)
Temperature range
Operating
0° C to +55° C
Storage
-40° C to +70° C
Humidity range
Operating
Up to 95% relative humidity to 40° C
(non-condensing)
Altitude range
Operating
to 4,600 meters
Calibration interval
1-year minimum recommended


Similar Part No. - N8974A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8974A HP-N8974A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8974A HP-N8974A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N8974A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Keysight Technologies
N8975A KEYSIGHT-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
W9069A KEYSIGHT-W9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com