Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8973A Datasheet(PDF) 3 Page - Keysight Technologies

Part # N8973A
Description  NFA Series Noise Figure Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8973A Datasheet(HTML) 3 Page - Keysight Technologies

  N8973A Datasheet HTML 1Page - Keysight Technologies N8973A Datasheet HTML 2Page - Keysight Technologies N8973A Datasheet HTML 3Page - Keysight Technologies N8973A Datasheet HTML 4Page - Keysight Technologies N8973A Datasheet HTML 5Page - Keysight Technologies N8973A Datasheet HTML 6Page - Keysight Technologies N8973A Datasheet HTML 7Page - Keysight Technologies N8973A Datasheet HTML 8Page - Keysight Technologies N8973A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Noise figure and gain
Performance is dependent on the ENR1 of the noise source used:
N8973A, N8974A and N8975A
Noise source ENR
(10 MHz to 3.0 GHz)
4-7 dB
12-17 dB
20-22 dB
Noise figure
Measurement range
0 to 20 dB
0 to 30 dB 0 to 35 dB
Instrument uncertainty
± < 0.05 dB
± < 0.05 dB ± < 0.1 dB
Gain2
Measurement range
-20 to +40 dB
Instrument uncertainty
± < 0.17 dB
N8974A and N8975A
Noise source ENR
(>3.0 GHz)
4-7 dB
12-17 dB
20-22 dB
Noise figure
Measurement range
0 to 20 dB
0 to 30 dB 0 to 35 dB
Instrument uncertainty
± < 0.15 dB
± < 0.15 dB ± < 0.2 dB
Gain2
Measurement range
-20 to +40 dB
Instrument uncertainty
± < 0.17 dB
For NFA models that either have a serial prefix less than GB4446 or are fitted with the
Noise Figure RF board, N8972-60001.
Instrument’s own noise figure
For NFA models that either have a serial prefix greater than GB4446 or are fitted with the
Noise Figure RF board, N8972-60101.
Instrument’s own noise figure
3
1.
Excess noise ratio
2.
For measurement bandwidths below 4 MHz, and spacing between measurement points below 3 MHz,
gain uncertainty may increase to a maximum of ± 0.7 dB.
Frequency
Noise figure
Noise figure over a limited
temperature range of 23° C ± 3° C
10 MHz to 3.0 GHz
< 4.8 dB + (0.00124 * freq in MHz)
< 4.4 dB + (0.00117 * freq in MHz)
> 3.0 GHz to 13.2 GHz
< 12.0 dB
< 10.5 dB
> 13.2 GHz to 26.5 GHz
< 16.0 dB
< 12.5 dB
Frequency
Noise figure
Noise figure over a limited
temperature range of 23° C ± 3° C
10 MHz to < 500 MHz
< 4.9 dB + (0.0025 * freq in MHz)
< 4.4 dB + (0.0025 * freq in MHz)
500 MHz to < 2.3 GHz
< 7.4 dB + (0.00135 * freq in MHz)
< 5.9 dB + (0.00135 * freq in MHz)
2.3 GHz to 3.0 GHz
4.9 dB + (0.0015 * freq in MHz)
< 2.9 dB + (0.0015 * freq in MHz)
> 3.0 GHz to 13.2 GHz
< 12.0 dB
< 10.5 dB
> 13.2 GHz to 26.5 GHz
< 16.0 dB
< 12.5 dB


Similar Part No. - N8973A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8973A HP-N8973A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N8973A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8974A KEYSIGHT-N8974A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Keysight Technologies
N8975A KEYSIGHT-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
W9069A KEYSIGHT-W9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com