Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2540 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2540
Description  HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2540 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2540 Datasheet HTML 4Page - Texas Instruments UCC2540 Datasheet HTML 5Page - Texas Instruments UCC2540 Datasheet HTML 6Page - Texas Instruments UCC2540 Datasheet HTML 7Page - Texas Instruments UCC2540 Datasheet HTML 8Page - Texas Instruments UCC2540 Datasheet HTML 9Page - Texas Instruments UCC2540 Datasheet HTML 10Page - Texas Instruments UCC2540 Datasheet HTML 11Page - Texas Instruments UCC2540 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
UCC2540
SLUS539A − JUNE 2004 − REVISED AUGUST 2004
8
www.ti.com
PIN ASSIGNMENTS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BST
19
I
Floating G1 driver supply pin. VHI is fed by an external Schottky diode during the SR MOSFET on time. Bypass
BST to SW with an external capacitor.
CEA−
8
I
Inverting input of the current error amplifier used for output current regulation.
COMP
9
I
Output of the voltage and current error amplifiers for compensation.
G1
18
O
High-side gate driver output that swings between SW and BST.
G2
14
O
Low-side gate driver output that swings between PGND and VDRV.
G2C
3
I
Timer pin to turn off synchronous rectifier. The capacitor connected to this pin programs the maximum duration
that G2 is allowed to stay HIGH.
G2S
12
I
Used by the predictive deadtime controller for sensing the SR MOSFET gate voltage to set the appropriate dead-
time.
GND
6
Ground for internal circuitry. GND and PGND should be tied to the pc-board ground plane with vias.
PGND
15
Ground return for the G2 driver. Connect PGND to the pc-board ground plane with several vias.
RAMP
5
I
Input pin to connect capacitor to GND to generate the PWM ramp and serve as a maximum duty ratio timer.
REF(1)
2
I/O
3.3-V reference pin. All internal circuits are powered from this 3.3-V rail. Bypass this pin with at least 0.1
µF of
capacitance for REF loads that are 0 mA to −1 mA. Bypass this pin with at least 1
µF of capacitance if it is used
as an input (Mode 3) or if it has large or pulsating loads.
RSET
1
I
Pin to program timer currents for G2C, RAMP, SS charge and SS discharge. This pin generates a current propor-
tional to the value of the external resistor connected from RSET pin to GND. RSET range is 10 k
Ω to 50 kΩ (giv-
ing a programmable nominal ISET range of 30
µA to 150 µA, respectively).
SS
11
I
Soft start and shutdown pin. Connect a capacitor to GND to set the soft-start time. Add switch to GND for imme-
diate shutdown functionality.
SYNCIN
4
I
Input pin for timing signal.
SW
17
G1 driver return connection.
SWS
20
I
Used by the predictive controller to sense SR body-diode conduction. Connect to SR MOSFET drain close to the
MOSFET package.
TR
10
I
Tracking input to the voltage error amplifier. Connect to REF when not used.
VDD
16
I
Power supply pin to the device and input to the internal VDRV drive regulator. Normal VDD range is from 4.5 V to
36 V. Bypass the pin with at least 1
µF of capacitance.
VDRV
13
I
Output of the drive regulator and power supply pin for the G2 driver. VDRV is also the supply voltage for the in-
ternal logic and control circuitry.
VEA−
7
I
Inverting input of the voltage error amplifier used for output voltage regulation.
(1) REF is an input in Mode 3 only.


Similar Part No. - UCC2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI1-UCC2540 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
UCC2540PWP TI1-UCC2540PWP Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
UCC2540PWPR TI1-UCC2540PWPR Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
   High Efficiency, Secondary-Side Synchronous Forward Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com