Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4982A Datasheet(PDF) 9 Page - Keysight Technologies

Part # E4982A
Description  1 MHz to 300 MHz/500 MHz/1 GHz/3 GHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4982A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button E4982A Datasheet HTML 5Page - Keysight Technologies E4982A Datasheet HTML 6Page - Keysight Technologies E4982A Datasheet HTML 7Page - Keysight Technologies E4982A Datasheet HTML 8Page - Keysight Technologies E4982A Datasheet HTML 9Page - Keysight Technologies E4982A Datasheet HTML 10Page - Keysight Technologies E4982A Datasheet HTML 11Page - Keysight Technologies E4982A Datasheet HTML 12Page - Keysight Technologies E4982A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Yo =
Mode 3
Oscillator level = 1 dBm, Average factor ≥ 8
± (19 + 0.15 × F) [µS]
Oscillator level = 1 dBm, Average factor < 8
± (22 + 0.15 × F) [µS]
–20 dBm ≤ Oscillator level < 1 dBm, Average
factor ≥ 8
± (22 + 0.15 × F) [µS]
–20 dBm ≤ Oscillator level < 1 dBm, Average
factor < 8
± (30 + 0.15 × F) [µS]
–33 dBm ≤ Oscillator level < –20 dBm, Aver-
age factor ≥ 8
± (30 + 0.15 × F) [µS]
–33 dBm ≤ Oscillator level < –20 dBm, Aver-
age factor < 8
± (50 + 0.15 × F) [µS]
Oscillator level < –33 dBm
± (100 + 0.15 × F) [µS]
Measurement error may exceed the specifications described above at 90 MHz due to the E4982A’s spurious
characteristics.
Definition of each parameter (continued)
09 | Keysight | E4982A LCR Meter - Data Sheet


Similar Part No. - E4982A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4982A HP-E4982A Datasheet
7Mb / 16P
   New Standard for High-Speed Component Tests
More results

Similar Description - E4982A

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
UC-5100 MOXA-UC-5100 Datasheet
1Mb / 6P
   Arm Cortex-A8 300 MHz/600 MHz/1 GHz IIoT gateway
UC-8100 MOXA-UC-8100 Datasheet
1Mb / 6P
   Arm Cortex-A8 300 MHz/600 MHz/1 GHz IIoT gateway
logo
API Technologies Corp
MR126B APITECH-MR126B Datasheet
133Kb / 1P
   RF/LO: 1 to18 GHz IF: DC to 500 MHz
MR126L APITECH-MR126L Datasheet
109Kb / 1P
   RF/LO: 1 to 18 GHz IF: DC to 500 MHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
logo
Skyworks Solutions Inc.
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
   3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
logo
List of Unclassifed Man...
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
   1 GHz and 500 MHz High Voltage Differential Probes
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com