Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-6237 Datasheet(PDF) 9 Page - Copal Electronics

Part # W-6237
Description  High Voltage CMOS Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6237 Datasheet(HTML) 9 Page - Copal Electronics

Back Button W-6237 Datasheet HTML 5Page - Copal Electronics W-6237 Datasheet HTML 6Page - Copal Electronics W-6237 Datasheet HTML 7Page - Copal Electronics W-6237 Datasheet HTML 8Page - Copal Electronics W-6237 Datasheet HTML 9Page - Copal Electronics W-6237 Datasheet HTML 10Page - Copal Electronics W-6237 Datasheet HTML 11Page - Copal Electronics W-6237 Datasheet HTML 12Page - Copal Electronics W-6237 Datasheet HTML 13Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
W-6237
9
Open LED Protection
In the event of an “Open LED” fault condition, the
W-6237 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 35 V. Once the output exceeds this level, the
internal circuitry immediately places the device into a very
low power mode where the total input power is limited to
about 4 mW (about 1 mA input current with a 3.6 V supply).
The SW pin clamps at a voltage below its maximum rating
of 60 V. There is no need to use an external zener diode
between Vout and the FB pin. A 50 V rated C2 capacitor is
required to prevent any overvoltage damage in the open
LED condition.
Figure 21. Open LED Protection without Zener
VIN
W-6237
L
Schottky 100 V
(Central CMSH1 100)
R1
15
4.7 F
0.22 F
FB
SW
GND
OFF ON
33 H
VIN
C1
VOUT
SHDN
VFB = 300 mV
C2
Figure 22. Open LED Switching Waveforms without
Zener
10 sec/div
SW PIN
10 V/div
Figure 23. Open LED Supply Current vs. VIN without
Zener
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
Figure 24. Open LED Output Voltage vs. VIN without
Zener
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
30
35
40
45
50


Similar Part No. - W-6237

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
W-6238TD-GT3 COPAL-W-6238TD-GT3 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
More results

Similar Description - W-6237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com