Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-6139 Datasheet(PDF) 1 Page - Copal Electronics

Part # W-6139
Description  22 V High Current Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6139 Datasheet(HTML) 1 Page - Copal Electronics

  W-6139 Datasheet HTML 1Page - Copal Electronics W-6139 Datasheet HTML 2Page - Copal Electronics W-6139 Datasheet HTML 3Page - Copal Electronics W-6139 Datasheet HTML 4Page - Copal Electronics W-6139 Datasheet HTML 5Page - Copal Electronics W-6139 Datasheet HTML 6Page - Copal Electronics W-6139 Datasheet HTML 7Page - Copal Electronics W-6139 Datasheet HTML 8Page - Copal Electronics W-6139 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NIDEC COPAL ELECTRONICS CORP.
October, 2015 Rev. 2
1
Publication Order Number:
W-6139/
E
W-6139
22 V High Current Boost
White LED Driver
Description
The W-6139 is a DC/DC
converter that delivers an
e
switchin
MHz allows
sed with small
e
ceramic capacitors and
r
connected in
series are driven with a
set
the
resistor
R1 The W-6139 is ideal
parallel
to
w
Ds in series
V
r
a
width
(PWM)
The
pin
allows the device to be placed in power down mode with “zero”
t
In addition to thermal protection and overload
the
device also enters a
low power
mode
The device is
in a low
(1 mm
5
T
Features
iescent Gro
d C
ent
6
1 MHz Fi ed Fre
enc
ow Noise
eration
n
Sh tdown
rren
ss than 1
T
5
)
These Devices are Pb Free
al
en Free/BFR Free and are RoHS
Compliant
Applications
s
Portable Media P
rs
Handheld Devices
TSOT 23
PIN CONNECTIONS
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
W-6139TD GT3
(Note 1)
TSOT 23
(Pb Free)
3,000/
Tape & Reel
TP = Specific Device Code
Y = Production Year (Last Digit)
M = Production Month (1 9, A, B, C or O, N, D)
1
5
(Top View)
VIN
SHDN
SW
GND
FB
1
TPYM
1. NiPdAu Plated Finish (RoHS compliant)


Similar Part No. - W-6139

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
W-6137TD-G3 COPAL-W-6137TD-G3 Datasheet
182Kb / 16P
   CMOS Boost Converter
W-6137TD-GT COPAL-W-6137TD-GT Datasheet
182Kb / 16P
   CMOS Boost Converter
More results

Similar Description - W-6139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
logo
Micro Linear Corporatio...
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
   High Current Boost Regulator
logo
Microsemi Corporation
LX1732 MICROSEMI-LX1732 Datasheet
322Kb / 12P
   High Current PFM Boost Converter
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Skyworks Solutions Inc.
AAT1218 SKYWORKS-AAT1218 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com