Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL1-01G-L5 Datasheet(PDF) 5 Page - Copal Electronics

Part # TPL1-01G-L5
Description  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TPL1-01G-L5 Datasheet(HTML) 5 Page - Copal Electronics

  TPL1-01G-L5 Datasheet HTML 1Page - Copal Electronics TPL1-01G-L5 Datasheet HTML 2Page - Copal Electronics TPL1-01G-L5 Datasheet HTML 3Page - Copal Electronics TPL1-01G-L5 Datasheet HTML 4Page - Copal Electronics TPL1-01G-L5 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TP/TPL
■Optional Accessories
《Sold separately》
Color Button
(Illuminated)
Dimensions
(ABS)
Clear
140007480466
140007480467
Red Clear
140007480238
140007480276
Green Clear
140007480239
140007480277
Yellow clear
140007480240
140007480278
:Optional Accessories
■7HJRHNPUN :WLJPÄJH[PVUZ
Zipper Plastic Bag
50
■:VSKLYPUN :WLJPÄJH[PVUZ
⑴ Manual Soldering
   Device: Soldering iron
①380°
C, Max.; 3 seconds, Max.
⑵ Wave Soldering
   Device: Jet wave type or dip type
①245°
C; 3 seconds, Max.
・Pre-heating should be done at temperatures below 80°
C to
120
°
C and within 120 seconds.
・For TPL type, soldering should be done with the lock released.
Switch Operation(TM/TR/LTM/LTR/TP/TPL Series)
⑴ Operating force should be 9.8 N or less.
⑵ Do not operate the switch right after soldering.
⑶ Do not solder the switch with the actuator pressed down.
■Flux Cleaning
⑴ Solvents : Fluorine or Alcohl type
⑵ The TP/TPL series are not washable. To wash the PC board,
clean the soldering surface of the PC board with a brush so
that the switch is not exposed to the cleaning solution.
⑶After soldering, wait until the temperature of the terminals
cool down to 90
℃ or below or until the parts are exposed
to room temperature for more than 5 min. before washing.


Similar Part No. - TPL1-01G-L5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TPL1183427 TDK-TPL1183427 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525 TDK-TPL1183525 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-242Y-236N TDK-TPL1183525-242Y-236N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-262J-261N TDK-TPL1183525-262J-261N Datasheet
125Kb / 13P
   Transponder Coils
More results

Similar Description - TPL1-01G-L5

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com