Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-52TDI-G3 Datasheet(PDF) 7 Page - Copal Electronics

Part # W-52TDI-G3
Description  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52TDI-G3 Datasheet(HTML) 7 Page - Copal Electronics

Back Button W-52TDI-G3 Datasheet HTML 3Page - Copal Electronics W-52TDI-G3 Datasheet HTML 4Page - Copal Electronics W-52TDI-G3 Datasheet HTML 5Page - Copal Electronics W-52TDI-G3 Datasheet HTML 6Page - Copal Electronics W-52TDI-G3 Datasheet HTML 7Page - Copal Electronics W-52TDI-G3 Datasheet HTML 8Page - Copal Electronics W-52TDI-G3 Datasheet HTML 9Page - Copal Electronics W-52TDI-G3 Datasheet HTML 10Page - Copal Electronics W-52TDI-G3 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
W-52
7
Application Information
Inductor Selection and Efficiency
Inductor vendors are shown below. Contact the manufacturer for detailed technical data and new product information.
Table 5. INDUCTOR MANUFACTURERS
Inductor
L ( H)
Maximum DCR (m )
Maximum
Height (mm)
Vendor
Web
ELJEA4R7
4.7
180
2.2
Panasonic
714.373.7334
www.panasonic.com
ELJEA6R8
6.8
250
2.2
LQH3C4R7M24,
4.7
260
2.2
Murata
770.436.1300
www.murata.com
LQH32CN4R7M11
LQH3C100K24,
10
300
2.2
LQH32CN100K11
LB2016B4R7
4.7
250
2.0
Taiyo Yuden
408.573.4150
www.t yuden.com
LB2016B100
3.8
350
2.0
CMD4D06 4R7
4.7
216
0.8
Sumida
847.956.0666
www.sumida.com
CMD4D06 6R8
6.8
296
0.8
CLQ4D10 4R7
4.7
162
1.2
CLQ4D10 6R8
6.8
195
1.2
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
The low ESR and small package options available with
multilayer ceramic capacitors make them excellent choices.
The X5R and X7R capacitor types are preferred because
they retain their capacitance over wider voltage and
temperature ranges than the Y5V or Z5U types. A 1.0 F or
2.2 F output capacitor is recommended for most
applications.
The voltage rating of the output capacitor C2 depends on
the number of LEDs driven in series. A 10 V ceramic
capacitor is recommended when driving two LEDs. A 16 V
ceramic capacitor is recommended when driving 3 or 4
LEDs.
Table 6. CERAMIC CAPACITOR MANUFACTURERS
Supplier
Phone
Web
Taiyo Yuden
408.573.4150
www.t yuden.com
Murata
814.237.1431
www.murata.com
Kemet
408.986.0424
www.kemet.com
Low profile ceramic capacitors with a 1 mm maximum
height/thickness
are
available
for
designs
height
requirements. Ceramic capacitors also make a good choice
for the input capacitor, which should be mounted as close as
possible to the W-52. A 2.2 For 4.7 F input capacitor is
recommended. Table 6 shows a list of several ceramic
capacitor manufacturers. Consult the manufacturers for
detailed information as new products and package options
are introduced regularly.
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, are the ideal choice for high efficiency
applications. Table 7 shows several different Schottky
diodes that work well with the W-52. Make sure that the
diode has a voltage rating greater than the output voltage.
The diode conducts current only when the power switch is
turned off (typically less than one third the time), so a 0.4 A
or 0.5 A diode will be sufficient for most designs.
Table 7. SCHOTTKY DIODE SUPPLIERS
Part
Supplier
MBR0520
ON Semiconductor
www.onsemi.com
800.282.9855
MBR0530 s
MBR0540
ZHCS400
Zetex
LED Current Programming
The LED current is programmed with a single resistor
connected to the RSET pin. The RSET pin is internally
regulated to 100 mV, which sets the current flowing out of
this pin, ISET, equal to 100 mV/RSET. The W-52 regulates
the current into the LED pin, ILED, to 225 times the value of
ISET. For the best accuracy, a 1% or better resistor is
recommended. Table 8 shows several typical 1% RSET
values.


Similar Part No. - W-52TDI-G3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
More results

Similar Description - W-52TDI-G3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com