Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM-7ES Datasheet(PDF) 4 Page - Copal Electronics

Part # TM-7ES
Description  3 TURNS CERMET TRIMMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TM-7ES Datasheet(HTML) 4 Page - Copal Electronics

  TM-7ES Datasheet HTML 1Page - Copal Electronics TM-7ES Datasheet HTML 2Page - Copal Electronics TM-7ES Datasheet HTML 3Page - Copal Electronics TM-7ES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Resistance code & Production date code
3 –
0.45
φ
2.5
2.5
1
2
3
7.2
+0.4
–0.1
2.5, Slot 0.6 W
× 0.7 D
φ
Lead-free Identification mark
O TM-7EX
Side adjustment
<Bulk pack specifications>
O Unit of bulk in a plastic bag is 50 pcs. per pack.
O Boxing of bulk in a plastic bag is performed with 200
pcs. per box.
PACKAGING SPECIFICATIONS
★ Pin position & shaft position of X type are different from S type.
CW rotation
1
2
3
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
TM-7
CERMET TRIMMERS


Similar Part No. - TM-7ES

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TM-056 VECTRON-TM-056 Datasheet
370Kb / 7P
   Integrated Timing Solution
TM-056-CBC-A VECTRON-TM-056-CBC-A Datasheet
370Kb / 7P
   Integrated Timing Solution
TM-056-CBC-B VECTRON-TM-056-CBC-B Datasheet
370Kb / 7P
   Integrated Timing Solution
TM-056-CBF-A VECTRON-TM-056-CBF-A Datasheet
370Kb / 7P
   Integrated Timing Solution
TM-056-CBF-B VECTRON-TM-056-CBF-B Datasheet
370Kb / 7P
   Integrated Timing Solution
More results

Similar Description - TM-7ES

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CT20EP103 COPAL-CT20EP103 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
CT-94 COPAL-CT-94 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
CT94EW103 COPAL-CT94EW103 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
RJ-9 COPAL-RJ-9 Datasheet
277Kb / 4P
   18 TURNS CERMET TRIMMERS
CT-20 COPAL-CT-20 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
logo
Vishay Siliconix
CT-20 VISHAY-CT-20 Datasheet
184Kb / 4P
   Cermet Trimmers, 15 Turns
Revision: 11-Nov-05
logo
Copal Electronics
RJ-5 COPAL-RJ-5 Datasheet
92Kb / 4P
   14 TURNS CERMET TRIMMERS
CT-9 COPAL-CT-9 Datasheet
276Kb / 4P
   18 TURNS CERMET TRIMMERS
ST-5 COPAL-ST-5 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
logo
Vishay Siliconix
SM-4 VISHAY-SM-4 Datasheet
339Kb / 7P
   Surface Mount Cermet Trimmers (12 Turns)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com