Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61071 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61071
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61071 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61071 Datasheet HTML 1Page - Texas Instruments TPS61071 Datasheet HTML 2Page - Texas Instruments TPS61071 Datasheet HTML 3Page - Texas Instruments TPS61071 Datasheet HTML 4Page - Texas Instruments TPS61071 Datasheet HTML 5Page - Texas Instruments TPS61071 Datasheet HTML 6Page - Texas Instruments TPS61071 Datasheet HTML 7Page - Texas Instruments TPS61071 Datasheet HTML 8Page - Texas Instruments TPS61071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
PIN ASSIGNMENTS
1
3
4
6
2
5
A B C
SW
EN
GND
VOUT
VBAT
FB
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
DDC PACKAGE
TOP VIEW
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable input (1/VBAT enabled, 0/GND disabled)
FB
4
I
Voltage feedback for programming the output voltage
GND
2
IC ground connection for logic and power
SW
1
I
Boost and rectifying switch input
VBAT
6
I
Supply voltage
VOUT
5
O
Boost converter output
4
Submit Documentation Feedback


Similar Part No. - TPS61071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61071 TI-TPS61071 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61071DDC TI-TPS61071DDC Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071DDC TI1-TPS61071DDC Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com