Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53152A Datasheet(PDF) 3 Page - Keysight Technologies

Part # 53152A
Description  Full-featured CW Microwave Counters for Field, Factory or Lab
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

53152A Datasheet(HTML) 3 Page - Keysight Technologies

  53152A Datasheet HTML 1Page - Keysight Technologies 53152A Datasheet HTML 2Page - Keysight Technologies 53152A Datasheet HTML 3Page - Keysight Technologies 53152A Datasheet HTML 4Page - Keysight Technologies 53152A Datasheet HTML 5Page - Keysight Technologies 53152A Datasheet HTML 6Page - Keysight Technologies 53152A Datasheet HTML 7Page - Keysight Technologies 53152A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
03
Measurement Specifications and Characteristics
All measurement specifications are over the full signal and temperature ranges unless otherwise noted.
Input characteristics
53150A
53151A
53152A
Frequency range
Channel 1 (Normal mode)
(Low pass filter enabled)
Channel 2
10 Hz - 125 MHz
10 Hz - 50 kHz
50 MHz - 20 GHz
10 Hz - 125 MHz
10 Hz - 50 kHz
50 MHz - 26.5 GHz
10 Hz - 125 MHz
10 Hz - 50 kHz
50 MHz - 46 GHz
Sensitivity
Channel 1
10-30 Hz
30 Hz-125 MHz
40 mVrms
25 mVrms
40 mVrms
25 mVrms
40 mVrms
25 mVrms
Channel 2
50-300 MHz
0.3-12.4 GHz
12.4-18 GHz
18-20 GHz
20-26.5 GHz
26.5-40 GHz
40-46 GHz
–20 dBm
–33 dBm
–33 dBm
–29 dBm
N/A
N/A
N/A
–20 dBm
–33 dBm
–33 dBm
–29 dBm
–25 dBm
N/A
N/A
–20 dBm
–33 dBm
–30 dBm
–27 dBm
–27 dBm
–23 dBm
–17 dBm
Maximum input
Channel 1
2 Vrms
2 Vrms
2 Vrms
Channel 2
50 MHz - 2 GHz
2-46 GHz
+5 dBm
+13 dBm
+5 dBm
+13 dBm
+5 dBm
+13 dBm
Damage level
Channel 1
120 V (DC + AC pk) linearly
derated to 5 Vrms at 125 MHz
120 V (DC + AC pk) linearly
derated to 5 Vrms at 125 MHz
120 V (DC + AC pk) linearly
derated to 5 Vrms at 125 MHz
Channel 2
+27 dBm
+27 dBm
+27 dBm
Impedance (Nominal)
Channel 1
1 MΩ/60 pF
1 MΩ/60 pF
1 MΩ/60 pF
Channel 2
50 Ω
50 Ω
50 Ω
Connector
Channel 1
Channel 2
BNC female
SMA/APC-3.5
compatible female
BNC female
SMA/APC-3.5
compatible female
BNC female
2.92 mm removable,
SMA/APC-3.5 compatible female
SWR (Typical)
Channel 2
50-300 MHz
0.3-10 GHz
10-20 GHz
20-26.5 GHz
26.5-46 GHz
1.5:1 typical
2.0:1 typical
3.0:1 typical
N/A
N/A
1.5:1 typical
2.0:1 typical
3.0:1 typical
3.0:1 typical
N/A
1.5:1 typical
2.0:1 typical
3.0:1 typical
2.5:1 typical
2.5:1 typical
Coupling
Channel 1
Channel 2
AC
AC
AC
AC
AC
AC
Emissions (Typical)
(“kickback noise“)
Channel 1
Channel 2 (measuring/no input)
N/A
–40 dBm/< –70 dBm
N/A
–40 dBm/< –70 dBm
N/A
–40 dBm/< –70 dBm
Resolution
Channel 1/Channel 2
1 Hz to 1 MHz
1 Hz to 1 MHz
1 Hz to 1 MHz


Similar Part No. - 53152A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531520 FESTO-531520 Datasheet
77Kb / 1P
   Compressed air filter
3/3/22
531521 FESTO-531521 Datasheet
78Kb / 1P
   Compressed air filter
3/3/22
logo
SICK AG
5315233 SICK-5315233 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
5315234 SICK-5315234 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Festo Corporation.
531525 FESTO-531525 Datasheet
77Kb / 1P
   Compressed air filter
3/3/22
More results

Similar Description - 53152A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
53150A KEYSIGHT-53150A Datasheet
583Kb / 8P
   Full-featured CW Microwave Counters for Field, Factory or Lab
logo
Micrel Semiconductor
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
   Full-Featured High- or Low-Side MOSFET Driver
logo
List of Unclassifed Man...
2307 ETC-2307 Datasheet
185Kb / 3P
   MICROWAVE CW BIPOLAR
3001 ETC-3001 Datasheet
178Kb / 4P
   MICROWAVE CW BIPOLAR
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com