Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2761IDBV Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2761IDBV
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2761IDBV Datasheet(HTML) 4 Page - Texas Instruments

  TLV2761IDBV Datasheet HTML 1Page - Texas Instruments TLV2761IDBV Datasheet HTML 2Page - Texas Instruments TLV2761IDBV Datasheet HTML 3Page - Texas Instruments TLV2761IDBV Datasheet HTML 4Page - Texas Instruments TLV2761IDBV Datasheet HTML 5Page - Texas Instruments TLV2761IDBV Datasheet HTML 6Page - Texas Instruments TLV2761IDBV Datasheet HTML 7Page - Texas Instruments TLV2761IDBV Datasheet HTML 8Page - Texas Instruments TLV2761IDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage range, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range, II
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current range, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential voltages, are with respect to GND
DISSIPATION RATING TABLE
PACKAGE
ΘJC
ΘJA
TA ≤ 25°C
TA = 85°C
PACKAGE
JC
(
°C/W)
JA
(
°C/W)
A
POWER RATING
A
POWER RATING
D (8)
38.3
176
710 mW
369 mW
D (14)
26.9
122
1022 mW
531 mW
D (16)
25.7
114
1090 mW
567 mW
DBV (5)
55
324
385 mW
201 mW
DBV (6)
55
294
425 mW
221 mW
DGK(8)
54.2
260
481 mW
250 mW
DGS(10)
54.1
258
485 mW
252 mW
N (14,16)
32
78
1600 mW
833 mW
P
41
104
1200 mW
625 mW
PW (14)
29.3
174
720 mW
374 mW
PW (16)
28.7
161
774 mW
403 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage VDD
Single supply
1.8
3.6
V
Supply voltage, VDD
Split supply
±0.8
±1.8
V
Common-mode input voltage range, VICR
–0.2
VDD+0.2
V
Operating free air temperature TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
– 40
85
°C
VIH
VDD < 2.7 V
0.75 VDD
Shutdown on/off voltage level (see Note 2)
VIH
VDD = 2.7 to 3.6 V
2
V
VIL
0.6
NOTE 2: Relative to GND


Similar Part No. - TLV2761IDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2761IDBV TI1-TLV2761IDBV Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVR TI1-TLV2761IDBVR Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVT TI1-TLV2761IDBVT Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVTG4 TI1-TLV2761IDBVTG4 Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2761IDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com