Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-EW540 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # PT-EW540
Description  LCD Projectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-EW540 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button PT-EW540 Datasheet HTML 4Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 5Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 6Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 7Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 8Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 9Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 10Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 11Page - Panasonic Semiconductor PT-EW540 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Projection distance for 16:9 aspect ratio screen
Unit: feet
Unit: meters
•The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
•The zoom lens characteristics may cause slight image distortion.
•When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
•The brightness varies depending on the zoom setting.
Note: When the fixed-focus lens ET-ELW21 is mounted, the optical lens shift function cannot be used.
1.04
1.22
1.40
1.58
1.76
2.12
2.67
3.57
4.48
5.38
6.28
7.19
3.4
4.0
4.6
5.2
5.8
7.0
8.7
11.7
14.7
17.6
20.6
23.6
4.3
5.0
5.7
6.5
7.2
8.7
10.9
14.6
18.2
21.9
25.6
29.3
1.30
1.53
1.75
1.97
2.20
2.65
3.32
4.44
5.56
6.68
7.81
8.93
1.06
1.34
1.62
1.90
2.18
2.46
2.74
3.30
4.14
5.53
6.93
8.33
9.72
11.12
1.46
1.84
2.22
2.60
2.98
3.36
3.74
4.50
5.64
7.53
9.43
11.33
13.22
15.12
1.42
1.79
2.15
2.52
2.89
3.25
3.62
4.35
5.46
7.29
9.13
10.96
12.80
14.63
2.45
3.08
3.70
4.33
4.95
5.58
6.20
7.45
9.33
12.45
15.58
18.70
21.83
24.95
2.39
3.01
3.64
4.26
4.89
5.51
6.14
7.39
9.27
12.39
15.52
18.64
21.77
24.90
3.96
4.98
6.00
7.02
8.04
9.06
10.08
12.12
15.18
20.27
25.37
30.46
35.56
40.66
3.87
4.90
5.92
6.94
7.96
8.98
10.00
12.05
15.11
20.22
25.33
30.44
35.55
40.66
6.28
7.90
9.52
11.15
12.77
14.39
16.01
19.26
24.13
32.24
40.35
48.47
56.58
64.69
0.66
0.84
1.01
1.19
1.37
1.55
1.73
2.09
2.62
3.52
4.41
5.30
6.19
7.09
-0.05
-0.06
-0.07
-0.09
-0.10
-0.11
-0.12
-0.15
-0.19
-0.25
-0.31
-0.37
-0.44
-0.50
0.55
0.68
0.82
0.96
1.10
1.23
1.37
1.64
2.05
2.74
3.42
4.11
4.79
5.48
0.25
0.31
0.37
0.44
0.50
0.56
0.62
0.75
0.93
1.25
1.56
1.87
2.18
2.49
3.5
4.4
5.3
6.2
7.2
8.1
9.0
10.8
13.6
18.2
22.7
27.3
31.9
36.5
4.8
6.0
7.3
8.5
9.8
11.0
12.3
14.8
18.5
24.7
30.9
37.2
43.4
49.6
4.7
5.9
7.1
8.3
9.5
10.7
11.9
14.3
17.9
23.9
29.9
36.0
42.0
48.0
8.0
10.1
12.1
14.2
16.2
18.3
20.3
24.4
30.6
40.9
51.1
61.4
71.6
81.9
7.8
9.9
11.9
14.0
16.0
18.1
20.1
24.2
30.4
40.7
50.9
61.2
71.4
81.7
13.0
16.3
19.7
23.0
26.4
29.7
33.1
39.8
49.8
66.5
83.2
99.9
116.7
133.4
12.7
16.1
19.4
22.8
26.1
29.5
32.8
39.5
49.6
66.3
83.1
99.9
116.6
133.4
20.6
25.9
31.2
36.6
41.9
47.2
52.5
63.2
79.2
105.8
132.4
159.0
185.6
212.2
2.2
2.7
3.3
3.9
4.5
5.1
5.7
6.8
8.6
11.5
14.5
17.4
20.3
23.3
-0.2
-0.2
-0.2
-0.3
-0.3
-0.4
-0.4
-0.5
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
1.8
2.2
2.7
3.1
3.6
4.0
4.5
5.4
6.7
9.0
11.2
13.5
15.7
18.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.1
4.1
5.1
6.1
7.1
8.2
1.02
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
Screen size
(diagonal)
min.
max.
min.
max
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
ET-ELW21
Distance to screen (L)
Height from the edge
of screen to
center of lens (H)
min.
max.
Supplied lens
min.
[m] [in]
max.
ET-ELW20
Zoom lens
ET-ELT20
Zoom lens
ET-ELT21
Zoom lens
ET-ELW21
Fixed-focus
lens
40
50
60
70
80
90
100
120
150
200
250
300
400
/
/
/
/
/
/
/
/
/
/
/
/
/
8.89 350
/
1.02
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
Screen size
(diagonal)
min.
max.
min.
max
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
ET-ELW21
Distance to screen (L)
Height from the edge
of screen to
center of lens (H)
min.
max.
Supplied lens
min.
[m] [in]
max.
ET-ELW20
Zoom lens
ET-ELT20
Zoom lens
ET-ELT21
Zoom lens
ET-ELW21
Fixed-focus
lens
40
50
60
70
80
90
100
120
150
200
250
300
400
/
/
/
/
/
/
/
/
/
/
/
/
/
8.89 350
/
Zoom
lenses
ET-ELW22
Zoom
lenses
ET-ELW22
-0.04–0.79
-0.05–0.92
-0.06–1.05
-0.06–1.18
-0.07–0.13
-0.08–1.58
-0.10–1.97
-0.14–2.63
-0.17–3.29
-0.21–3.94
-0.24–4.60
-0.28–5.26
-0.1–2.6
-0.2–3.0
-0.2–3.4
-0.2–3.9
-0.2–0.4
-0.3–5.2
-0.3–6.5
-0.5–8.6
-0.6–10.8
-0.7–12.9
-0.8–15.1
-0.9–17.2
min.
max.
ET-ELW22
Zoom lens
min.
max.
ET-ELW22
Zoom lens
PT-
EW540/EW540L
LCD Projectors
As of August 2014
8/17
SFL14M019


Similar Part No. - PT-EW540

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
More results

Similar Description - PT-EW540

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
PT-EX800Z PANASONIC-PT-EX800Z Datasheet
2Mb / 16P
   LCD Projectors
PT-EZ580 PANASONIC-PT-EZ580 Datasheet
2Mb / 17P
   LCD Projectors
PT-EZ590 PANASONIC-PT-EZ590 Datasheet
1Mb / 14P
   LCD Projectors
PT-VX605N PANASONIC-PT-VX605N Datasheet
778Kb / 12P
   LCD Projectors
PT-VZ575N PANASONIC-PT-VZ575N Datasheet
775Kb / 12P
   LCD Projectors
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
PT-EX520 PANASONIC-PT-EX520 Datasheet
2Mb / 13P
   LCD Projectors
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
PT-EW730Z PANASONIC-PT-EW730Z Datasheet
2Mb / 17P
   LCD Projectors
PT-LW312 PANASONIC-PT-LW312 Datasheet
376Kb / 9P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com