Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2761IDR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2761IDR
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2761IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2761IDR Datasheet HTML 5Page - Texas Instruments TLV2761IDR Datasheet HTML 6Page - Texas Instruments TLV2761IDR Datasheet HTML 7Page - Texas Instruments TLV2761IDR Datasheet HTML 8Page - Texas Instruments TLV2761IDR Datasheet HTML 9Page - Texas Instruments TLV2761IDR Datasheet HTML 10Page - Texas Instruments TLV2761IDR Datasheet HTML 11Page - Texas Instruments TLV2761IDR Datasheet HTML 12Page - Texas Instruments TLV2761IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
–50
0
50
100
150
200
250
300
–0.2
0 0.2 0.4 0.6 0.8
1 1.2 1.4 1.6 1.8 2
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR – Common-Mode Input Voltage – V
VDD=1.8 V
TA=25° C
–100
Figure 2
–50
0
50
100
150
200
250
300
350
1.4
1.8
2.2
2.6
VDD=2.4 V
TA=25 °C
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR – Common-Mode Input Voltage – V
1
0.6
0.2
–0.2
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
Figure 3
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
1
10
100
10k
1M
VDD = 1.8 V
VDD = 2.4 V
1k
100k
Figure 4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01
23
4
5
6
7
8
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VDD=1.8 V
TA=85°C
TA=70°C
TA=25°C
TA=0°C
TA=–40°C
Figure 5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9 10 11 12
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
VDD=1.8 V
TA=85°C
TA=70°C
TA=25°C
TA=0°C
TA=–40°C
Figure 6
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
02
4
6
8
10
12 14
16
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VDD = 2.4 V
TA=85°C
TA=70°C
TA=25°C
TA=0°C
TA=–40°C
18
20
Figure 7
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0
2.5
5
7.5 10 12.5 15 17.5 20 22.5 25
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
VDD= 2.4 V
TA=85°C
TA= 70°C
TA=25°C
TA=0°C
TA=–40°C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
10
100
1k
10k
100k
1M
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f – Frequency – Hz
0.2
AV = –10
RL=300 kΩ
CL = 10 pF
TA = 25° C
VO(PP)= 2.4 V
VO(PP)= 1.8 V
Figure 8


Similar Part No. - TLV2761IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2761ID TI1-TLV2761ID Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBV TI1-TLV2761IDBV Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVR TI1-TLV2761IDBVR Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVT TI1-TLV2761IDBVT Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVTG4 TI1-TLV2761IDBVTG4 Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2761IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com