Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS427400 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS427400
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS427400 Datasheet(HTML) 3 Page - Texas Instruments

  TMS427400 Datasheet HTML 1Page - Texas Instruments TMS427400 Datasheet HTML 2Page - Texas Instruments TMS427400 Datasheet HTML 3Page - Texas Instruments TMS427400 Datasheet HTML 4Page - Texas Instruments TMS427400 Datasheet HTML 5Page - Texas Instruments TMS427400 Datasheet HTML 6Page - Texas Instruments TMS427400 Datasheet HTML 7Page - Texas Instruments TMS427400 Datasheet HTML 8Page - Texas Instruments TMS427400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
RAS-only refresh
TMS4x6400, TMS4x6400P
A refresh operation must be performed at least once every 64 ms (128 ms for TMS4x6400P) to retain data. This
can be achieved by strobing each of the 4096 rows (A0 – A11). A normal read or write cycle refreshes all bits
in each row that is selected. A RAS-only operation can be used by holding CAS at the high (inactive) level,
conserving power as the output buffers remain in the high-impedance state. Externally generated addresses
must be used for a RAS-only refresh.
TMS4x7400, TMS4x7400P
A refresh operation must be performed at least once every 32 ms (128 ms for TMS4x7400P) to retain data. This
can be achieved by strobing each of the 2048 rows (A0 – A10). A normal read or write cycle refreshes all bits
in each row that is selected. A RAS-only operation can be used by holding CAS at the high (inactive) level,
conserving power as the output buffers remain in the high-impedance state. Externally generated addresses
must be used for a RAS-only refresh.
hidden refresh
Hidden refresh can be performed while maintaining valid data at the output pin. This is accomplished by holding
CAS at VIL after a read operation and cycling RAS after a specified precharge period, similar to a RAS-only
refresh cycle. The external address is ignored, and the refresh address is generated internally.
CAS-before-RAS ( CBR ) refresh
CBR refresh is utilized by bringing CAS low earlier than RAS (see parameter tCSR) and holding it low after RAS
falls (see parameter tCHR). For successive CBR refresh cycles, CAS can remain low while cycling RAS. The
external address is ignored, and the refresh address is generated internally.
battery-backup refresh
TMS4x6400P
A low-power battery-backup refresh mode that requires less than 500
µA (5 V) or 350 µA (3.3 V) refresh current
is available on the TMS4x6400P. Data integrity is maintained using CBR refresh with a period of 31.25
µs while
holding RAS low for less than 1
µs. To minimize current consumption, all input levels must be at CMOS levels
(VIL < 0.2 V, VIH > VCC – 0.2 V).
TMS4x7400P
A low-power battery-backup refresh mode that requires less than 500
µA (5 V) or 350 µA (3.3 V) refresh current
is available on the TMS4x7400P. Data integrity is maintained using CBR refresh with a period of 62.5
µs while
holding RAS low for less than 1
µs. To minimize current consumption, all input levels must be at CMOS levels
(VIL < 0.2 V, VIH > VCC – 0.2 V).
self refresh ( TMS4xx400P)
The self-refresh mode is entered by dropping CAS low prior to RAS going low. Then CAS and RAS are both
held low for a minimum of 100
µs. The chip is then refreshed internally by an on-board oscillator. No external
address is required because the CBR counter is used to keep track of the address. To exit the self-refresh mode,
both RAS and CAS are brought high to satisfy tCHS. Upon exiting self-refresh mode, a burst refresh (refresh a
full set of row addresses) must be executed before continuing with normal operation. The burst refresh ensures
the DRAM is fully refreshed.
power up
To achieve proper device operation, an initial pause of 200
µs followed by a minimum of eight initialization cycles
is required after power up to the full VCC level. These eight initialization cycles must include at least one refresh
( RAS-only or CBR ) cycle.


Similar Part No. - TMS427400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS427400 TI1-TMS427400 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS427400P TI1-TMS427400P Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
More results

Similar Description - TMS427400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416160 TI-TMS416160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R04AJ-10 MITSUBISHI-M5M54R04AJ-10 Datasheet
44Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com