Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2760CDR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2760CDR
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2760CDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2760CDR Datasheet HTML 3Page - Texas Instruments TLV2760CDR Datasheet HTML 4Page - Texas Instruments TLV2760CDR Datasheet HTML 5Page - Texas Instruments TLV2760CDR Datasheet HTML 6Page - Texas Instruments TLV2760CDR Datasheet HTML 7Page - Texas Instruments TLV2760CDR Datasheet HTML 8Page - Texas Instruments TLV2760CDR Datasheet HTML 9Page - Texas Instruments TLV2760CDR Datasheet HTML 10Page - Texas Instruments TLV2760CDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 300 kΩ ,
CL = 10 pF
25
°C
500
kHz
VDD =1 8V
25
°C
0.11
0.20
VDD = 1.8 V
Full range
0.09
V/
µs
SR+
Positive slew rate at
VO(PP) = 1 V, RL = 300 kΩ,
VDD =2 4V
25
°C
0.11
0.22
V/
µs
SR+
unity gain
O(PP)
,
L
,
CL = 50 pF,
VDD = 2.4 V
Full range
0.09
VDD =3 6V
25
°C
0.11
0.23
V/
µs
VDD = 3.6 V
Full range
0.09
V/
µs
VDD =1 8V
25
°C
0.08
0.15
VDD = 1.8 V
Full range
0.07
V/
µs
SR
Negative slew rate at
VO(PP) = 1 V, RL = 300 kΩ,
VDD =2 4V
25
°C
0.10
0.18
V/
µs
SR–
g
unity gain
O(PP)
,
L
,
CL = 50 pF,
VDD = 2.4 V
Full range
0.09
VDD =3 6V
25
°C
0.10
0.22
V/
µs
VDD = 3.6 V
Full range
0.09
V/
µs
φm
Phase margin
R
300 k
C
100 pF
25
°C
63
°
Gain margin
RL = 300 kΩ,
CL = 100 pF
25
°C
20
dB
VDD = 1.8 V, V(STEP)PP = 1 V,
0.1%
6.4
t
Settling time
DD
,
(STEP)PP
,
AV = –1,
CL = 10 pF, RL = 300 kΩ
0.01%
25
°C
13.7
µs
ts
Settling time
VDD = 2.4 V, V(STEP)PP = 1 V,
0.1%
25
°C
6
µs
DD
,
(STEP)PP
,
AV = –1,
CL = 10 pF, RL = 300 kΩ
0.01%
13.9
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.
noise/distortion
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 1.8 V,
V
V
/2 V
AV = 1
0.08%
VO(PP) = VDD/2 V,
RL = 300 kΩ
AV = 10
25
°C
0.10%
THD+N
Total harmonic distortion plus noise
RL = 300 kΩ,
f = 1 kHz
AV = 100
0.27%
THD + N
Total harmonic distortion plus noise
VDD = 2.4 V,
V
V
/2 V
AV = 1
0.06%
VO(PP) = VDD/2 V,
RL = 300 kΩ
AV = 10
25
°C
0.08%
RL = 300 kΩ,
f = 1 kHz
AV = 100
0.24%
V
Equivalent input noise voltage
f = 1 kHz
25
°C
95
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25
°C
75
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.8
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD(SHDN)
Supply current, all channels in shutdown mode
SHDN
0V
25
°C
10
50
nA
IDD(SHDN)
y,
(TLV2760, TLV2763, TLV2765) (per channel)
SHDN = 0 V
Full range
400
nA
t(on)
Amplifier turnon time (see Note 3)
RL = 300 kΩ
25
°C
5
µs
t(off)
Amplifier turnoff time (see Note 3)
RL = 300 kΩ
25
°C
0.8
µs
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.
NOTE 3: Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply
current has reached half its final value.


Similar Part No. - TLV2760CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2760CD TI1-TLV2760CD Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2760CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com