Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0172PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0172PWP
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0172PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA0172PWP Datasheet HTML 4Page - Texas Instruments TPA0172PWP Datasheet HTML 5Page - Texas Instruments TPA0172PWP Datasheet HTML 6Page - Texas Instruments TPA0172PWP Datasheet HTML 7Page - Texas Instruments TPA0172PWP Datasheet HTML 8Page - Texas Instruments TPA0172PWP Datasheet HTML 9Page - Texas Instruments TPA0172PWP Datasheet HTML 10Page - Texas Instruments TPA0172PWP Datasheet HTML 11Page - Texas Instruments TPA0172PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPA0172
2-W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C – AUGUST 2000 – REVISED MAY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
–100
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
20k
100
1k
10k
RL = 32 Ω
CB = 0.47 µF
Mode = SE
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
AV = 6 dB
f – Frequency – Hz
AV = 14 dB
Figure 10
–140
0
–120
–100
–80
–60
–40
–20
20
20k
100
1k
10k
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
PO = 1 W
RL = 8 Ω
AV = 20 dB
Mode = BTL
Left to Right
Right to Left
Figure 11
–140
0
–120
–100
–80
–60
–40
–20
20
20k
100
1k
10k
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
PO = 1 W
RL = 8 Ω
AV = 6 dB
Mode = BTL
Left to Right
Right to Left
Figure 12
–120
0
–100
–80
–60
–40
–20
20
20k
100
1k
10k
f – Frequency – Hz
SHUTDOWN ATTENUATION
vs
FREQUENCY
VI = 100 mVRMS
RL = 8 Ω,
Mode = BTL


Similar Part No. - TPA0172PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0172PWP TI1-TPA0172PWP Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172PWPG4 TI1-TPA0172PWPG4 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172PWPR TI1-TPA0172PWPR Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172PWPRG4 TI1-TPA0172PWPRG4 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0172PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4956 STMICROELECTRONICS-TS4956 Datasheet
1Mb / 51P
   Stereo audio amplifier system with I2C bus interface
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com