Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS417400 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS417400
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417400 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS417400 Datasheet HTML 3Page - Texas Instruments TMS417400 Datasheet HTML 4Page - Texas Instruments TMS417400 Datasheet HTML 5Page - Texas Instruments TMS417400 Datasheet HTML 6Page - Texas Instruments TMS417400 Datasheet HTML 7Page - Texas Instruments TMS417400 Datasheet HTML 8Page - Texas Instruments TMS417400 Datasheet HTML 9Page - Texas Instruments TMS417400 Datasheet HTML 10Page - Texas Instruments TMS417400 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC:
TMS41x400, TMS41x400P
– 1 V to 7 V
. . . . . . . . . . . . . . . . . .
TMS42x400, TMS42x400P
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1):
TMS41x400, TMS41x400P
– 1 V to 7 V
. . . . . . . . . . . . . . . . . .
TMS42x400, TMS42x400P
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
TMS41x400
TMS42x400
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
3
3.3
3.6
V
VSS
Supply voltage
0
0
V
VIH
High-level input voltage
2.4
6.5
2
VCC + 0.3
V
VIL
Low-level input voltage (see Note 2)
–1
0.8
– 0.3
0.8
V
TA
Operating free-air temperature
0
70
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.


Similar Part No. - TMS417400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400 TI1-TMS417400 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400A TI-TMS417400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417400A-60DJ TI-TMS417400A-60DJ Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417400A-60DR TI-TMS417400A-60DR Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417400ADJ TI-TMS417400ADJ Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS417400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416160 TI-TMS416160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R04AJ-10 MITSUBISHI-M5M54R04AJ-10 Datasheet
44Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com