Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6411AGLZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6411AGLZ
Description  FIXED POINT DIGITAL SIGNAL PROCESSOR
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6411AGLZ Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6411AGLZ Datasheet HTML 1Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 2Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 3Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 4Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 5Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 6Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 7Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 8Page - Texas Instruments TMS320C6411AGLZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table of Contents
reset
66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
absolute maximum ratings over operating case
temperature range
67
. . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
67
. . . . . . . . . . . . . . . .
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
68
.
recommended clock and control signal transition
behavior
68
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
parameter measurement information
69
. . . . . . . . . . . . . . .
input and output clocks
71
. . . . . . . . . . . . . . . . . . . . . . . . . . .
asynchronous memory timing
75
. . . . . . . . . . . . . . . . . . . . .
programmable synchronous interface timing
78
. . . . . . . .
synchronous DRAM timing
82
. . . . . . . . . . . . . . . . . . . . . . . .
HOLD/HOLDA timing
89
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
BUSREQ timing
90
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset timing
91
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
external interrupt timing
93
. . . . . . . . . . . . . . . . . . . . . . . . . .
host-port interface (HPI) timing
94
. . . . . . . . . . . . . . . . . . . .
peripheral component interconnect (PCI) timing
99
. . . . . .
multichannel buffered serial port (McBSP) timing
102
. . . .
timer timing
113
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO) port timing
114
. . . .
JTAG test-port timing
115
. . . . . . . . . . . . . . . . . . . . . . . . . . .
mechanical data
116
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
revision history
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GLZ and ZLZ BGA packages (bottom view)
6
. . . . . . . . . . . . .
description
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device characteristics
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device compatibility
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
functional block and CPU (DSP core) diagram
10
. . . . . . . . . .
CPU (DSP core) description
11
. . . . . . . . . . . . . . . . . . . . . . . . .
memory map summary
14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
peripheral register descriptions
16
. . . . . . . . . . . . . . . . . . . . . . .
EDMA channel synchronization event
26
. . . . . . . . . . . . . . . . .
interrupt sources and interrupt selector
27
. . . . . . . . . . . . . . . .
signal groups description
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
device configurations
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
multiplexed pins
35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
debugging considerations
35
. . . . . . . . . . . . . . . . . . . . . . . . . . .
terminal functions
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
development support
54
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device support
55
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
clock PLL
58
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO)
60
. . . . . . . . . . . . . . . . . .
power-down mode logic
61
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply sequencing
63
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply decoupling
64
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
IEEE 1149.1 JTAG compatibility statement
65
. . . . . . . . . . . . .
EMIF device speed
65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
bootmode
66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TMS320C6411AGLZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6411AGLZ TI1-TMS320C6411AGLZ Datasheet
1Mb / 121P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6411AGLZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com