Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7481SG-TR Datasheet(PDF) 11 Page - Rohm

Part # BU7481SG-TR
Description  High Speed Low Voltage Operation CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7481SG-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU7481SG-TR Datasheet HTML 7Page - Rohm BU7481SG-TR Datasheet HTML 8Page - Rohm BU7481SG-TR Datasheet HTML 9Page - Rohm BU7481SG-TR Datasheet HTML 10Page - Rohm BU7481SG-TR Datasheet HTML 11Page - Rohm BU7481SG-TR Datasheet HTML 12Page - Rohm BU7481SG-TR Datasheet HTML 13Page - Rohm BU7481SG-TR Datasheet HTML 14Page - Rohm BU7481SG-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200370-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11/18
17.Jan.2014 Rev.001
TSZ22111・15・001
BU7481G
BU7481SG
Application Information
NULL method condition for Test Circuit 1
VDD, VSS, EK, VICM Unit: V
Parameter
VF
SW1
SW2
SW3
VDD
VSS
EK
VICM
Calculation
Input Offset Voltage
VF1
ON
ON
OFF
3
0
-1.5
1.8
1
Large Signal Voltage Gain
VF2
ON
ON
ON
3
0
-0.5
0.9
2
VF3
-2.5
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF4
ON
ON
OFF
3
0
-1.5
0
3
VF5
1.8
Power Supply Rejection Ratio
VF6
ON
ON
OFF
1.8
0
-0.9
0
4
VF7
ON
ON
OFF
5.5
- Calculation -
1. Input Offset Voltage (VIO)
2. Large Signal Voltage Gain (AV)
3. Common-mode Rejection Ration (CMRR)
4. Power Supply Rejection Ratio (PSRR)
Figure 24. Test Circuit 1
VICM
RS=50Ω
RS=50Ω
RF=50kΩ
RI=1MΩ
RI=1MΩ
0.015
μF
0.015
μF
SW1
SW2
50k
SW3
RL
VRL
0.1
μF
EK
500k
500k
1000pF
VF
0.01
μF
15V
-15V
VDD
VSS
Vo
V
NULL
DUT
|VF5 - VF4|
CMRR = 20Log
V
ICM × (1+RF/RS)
[dB]
Av = 20Log
|VF3 - VF2|
E
K × (1+RF/RS)
[dB]
PSRR = 20Log
|VF7 - VF6|
VDD × (1+ R
F/RS)
[dB]
VIO =
1 + RF/RS
[V]
|VF1|


Similar Part No. - BU7481SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7481SG ROHM-BU7481SG Datasheet
123Kb / 5P
   SILICON MONOLITHIC INTEGRATED CIRCUIT
BU7481SG ROHM-BU7481SG Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7481SG ROHM-BU7481SG Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7481SG ROHM-BU7481SG Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Similar Description - BU7481SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com