Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H76-2C Datasheet(PDF) 2 Page - Rohm

Part # BR93H76-2C
Description  Operation Microwire BUS EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H76-2C Datasheet(HTML) 2 Page - Rohm

  BR93H76-2C_16 Datasheet HTML 1Page - Rohm BR93H76-2C_16 Datasheet HTML 2Page - Rohm BR93H76-2C_16 Datasheet HTML 3Page - Rohm BR93H76-2C_16 Datasheet HTML 4Page - Rohm BR93H76-2C_16 Datasheet HTML 5Page - Rohm BR93H76-2C_16 Datasheet HTML 6Page - Rohm BR93H76-2C_16 Datasheet HTML 7Page - Rohm BR93H76-2C_16 Datasheet HTML 8Page - Rohm BR93H76-2C_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
BR93H76-2C
2/29
www.rohm.com
16.Feb.2016 Rev.003
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100040-1-2
Datasheet
Datasheet
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
-0.3 to +6.5
V
Permissible Dissipation
Pd
380 (MSOP8) (1)
mW
410 (TSSOP-B8) (2)
560 (SOP8) (3)
560 (SOP-J8) (4)
Storage Temperature Range
Tstg
-65 to +150
Operating Temperature Range
Topr
-40 to +125
Input Voltage/Output Voltage
-0.3 to VCC+0.3
V
When using at Ta=25℃ or higher, 3.1mW(1), 3.3mW(2) , 4.5mW(3,4),to be reduced per 1℃.
Memory Cell Characteristics (VCC=2.5V to 5.5V)
Parameter
Limit
Unit
Conditions
Min
Typ
Max
Write Cycles (5)
1,000,000
-
-
Cycles
Ta≦85℃
500,000
-
-
Cycles
Ta≦105℃
300,000
-
-
Cycles
Ta≦125℃
Data Retention (5)
100
-
-
Years
Ta≦25℃
60
-
-
Years
Ta≦105℃
50
-
-
Years
Ta≦125℃
(5) Not 100% TESTED
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
2.5 to 5.5
V
Input Voltage
VIN
0 to VCC


Similar Part No. - BR93H76-2C_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results

Similar Description - BR93H76-2C_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com