Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H640FVM-2ACTR Datasheet(PDF) 8 Page - Rohm

Part # BR25H640FVM-2ACTR
Description  Operation SPI BUS EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H640FVM-2ACTR Datasheet(HTML) 8 Page - Rohm

Back Button BR25H640FVM-2ACTR Datasheet HTML 4Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 5Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 6Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 7Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 8Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 9Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 10Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 11Page - Rohm BR25H640FVM-2ACTR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
BR25H640-2AC
8/36
Datasheet
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100210-1-2
16.Feb.2016 Rev.002
Typical Performance Curves - continued
Figure 11. Input Leakage Current ILI
(CSB, SCK, SI, HOLDB, WPB)
Figure 12. Output Leakage Current ILO
(SO)
Figure 13. Supply Current (WRITE) ICC1,2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
3456
SUPPLY VOLTAGE : Vcc[V]
SPEC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
123
45
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Figure 14. Supply Current (READ) ICC3,4
0.0
0.5
1.0
1.5
2.0
2.5
012
3456
SUPPLY VOLTAGE : Vcc[V]
SPEC
SPEC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
1
23
45
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
SPEC
Ta=
Ta=
Ta=
-40°C
25°C
125°C
Ta=
Ta=
Ta=
-40°C
25°C
125°C
Ta=
Ta=
Ta=
-40°C
25°C
125°C
Ta=
Ta=
Ta=
-40°C
25°C
125°C


Similar Part No. - BR25H640FVM-2ACTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640FVM-WE2 ROHM-BR25H640FVM-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR25H640FVM-WTR ROHM-BR25H640FVM-WTR Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H640FVM-2ACTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB_14 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25A1M-3M ROHM-BR25A1M-3M Datasheet
724Kb / 31P
   Operation SPI BUS EEPROM
BR25H256-2AC ROHM-BR25H256-2AC Datasheet
1Mb / 38P
   Operation SPI BUS EEPROM
BR25H320-2C ROHM-BR25H320-2C Datasheet
923Kb / 35P
   Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB_14 Datasheet
981Kb / 32P
   Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB_1 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25H128-2AC ROHM-BR25H128-2AC Datasheet
1Mb / 39P
   Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB_14 Datasheet
954Kb / 32P
   Operation SPI BUS EEPROM
BR25A256-3M ROHM-BR25A256-3M Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C_16 Datasheet
1Mb / 36P
   Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com