Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H128-2AC Datasheet(PDF) 6 Page - Rohm

Part # BR25H128-2AC
Description  Operation SPI BUS EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H128-2AC Datasheet(HTML) 6 Page - Rohm

Back Button BR25H128-2AC Datasheet HTML 2Page - Rohm BR25H128-2AC Datasheet HTML 3Page - Rohm BR25H128-2AC Datasheet HTML 4Page - Rohm BR25H128-2AC Datasheet HTML 5Page - Rohm BR25H128-2AC Datasheet HTML 6Page - Rohm BR25H128-2AC Datasheet HTML 7Page - Rohm BR25H128-2AC Datasheet HTML 8Page - Rohm BR25H128-2AC Datasheet HTML 9Page - Rohm BR25H128-2AC Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
BR25H128-2AC
6/35
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
15
001
TSZ02201-0R1R0G100190-1-2
18.Aug.2014 Rev.001
Block Diagram
Pin Configuration
Pin Description
Pin
Number
Pin
Name
Input
/ Output
Function
1
CSB
Input
Chip Select Input
2
SO
Output
Serial Data Output
3
WPB
Input
Write Protect Input
Write Status Register Command is prohibited.
4
GND
All Input / Output Reference Voltage, 0V
5
SI
Input
Serial Data Input
Start Bit, Instruction Code, Address and Data Input
6
SCK
Input
Serial Clock Input
7
HOLDB
Input
Hold Input
Serial Communications may be suspended
temporarily (HOLD State).
8
Vcc
Supply Voltage
Figure 5. Block Diagram
Figure 6. Pin Assignment Diagram
Vcc
HOLDB
SCK
SI
CSB
SO
WPB
GND
BR25H128-2AC
SO
INSTRUCTION DECODE
CONTROL CLOCK
GENERATION
VOLTAGE
DETECTION
WRITE
INHIBITION
HIGH VOLTAGE
GENERATOR
INSTRUCTION
REGISTER
128Kbit
EEPROM
ADDRESS
REGISTER
DATA
REGISTER
ADDRESS
DECODER
READ/WRITE
AMP
8bit
8bit
STATUS REGISTER
CSB
SCK
HOLDB
14bit
14bit
WPB
SI
IDENTIFICATION PAGE


Similar Part No. - BR25H128-2AC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
628Kb / 34P
   Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C_14 Datasheet
628Kb / 34P
   Operation SPI BUS EEPROM
More results

Similar Description - BR25H128-2AC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB_14 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25A1M-3M ROHM-BR25A1M-3M Datasheet
724Kb / 31P
   Operation SPI BUS EEPROM
BR25H256-2AC ROHM-BR25H256-2AC Datasheet
1Mb / 38P
   Operation SPI BUS EEPROM
BR25H320-2C ROHM-BR25H320-2C Datasheet
923Kb / 35P
   Operation SPI BUS EEPROM
BR25H640-2AC ROHM-BR25H640-2AC Datasheet
1Mb / 40P
   Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB_14 Datasheet
981Kb / 32P
   Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB_1 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB_14 Datasheet
954Kb / 32P
   Operation SPI BUS EEPROM
BR25A256-3M ROHM-BR25A256-3M Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C_16 Datasheet
1Mb / 36P
   Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com