Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25A1MFJ-3MGE2 Datasheet(PDF) 2 Page - Rohm

Part # BR25A1MFJ-3MGE2
Description  Operation SPI BUS EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25A1MFJ-3MGE2 Datasheet(HTML) 2 Page - Rohm

  BR25A1MFJ-3MGE2 Datasheet HTML 1Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 2Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 3Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 4Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 5Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 6Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 7Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 8Page - Rohm BR25A1MFJ-3MGE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Datasheet
2/27
BR25A1M-3M
TSZ02201-0R1R0G100400-1-2
03.Oct.2014 Rev.002
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Remarks
Supply Voltage
VCC
-0.3 to +6.5
V
Power Dissipation
Pd
0.45 (SOP8)
W
When using at Ta=25°C or higher 4.5mW to be reduced per 1°C.
0.45 (SOP-J8)
When using at Ta=25°C or higher 4.5mW to be reduced per 1°C.
Storage Temperature
Tstg
- 65 to +150
°C
Operating Temperature
Topr
- 40 to +105
°C
Input Voltage /
Output Voltage
- 0.3 to Vcc+1.0
V
The Max value of Input Voltage/Output Voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of Input
Voltage/Output Voltage is not under -1.0V.
Junction Temperature
Tjmax
150
°C
Junction temperature at the storage condition
Electrostatic discharge
voltage
(human body model)
VESD
-4000 to +4000
V
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Memory Cell Characteristics (Ta=25°C, Vcc=2.5V to 5.5V)
Parameter
Limits
Unit
Condition
Min
Typ
Max
Write Cycles
(Note1)
1,000,000
-
-
Times
Ta
≤25°C
150,000
-
-
Times
Ta
≤105°C
Data Retention
(Note1)
100
-
-
Years
Ta
≤25°C
20
-
-
Years
Ta
≤105°C
(Note1) Not 100% TESTED
Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Min
Max
Power Source Voltage
Vcc
2.5
5.5
V
Input Voltage
VIN
0
VCC
V
Bypass capacitor
C
0.1
-
µF
Input / Output Capacity (Ta=25°C, frequency=5MHz)
Parameter
Symbol
Min
Max
Unit
Conditions
Input Capacity
(Note1)
CIN
-
8
pF
VIN=GND
Output Capacity
(Note1)
COUT
-
8
VOUT=GND
(Note1) Not 100% TESTED.
DC Characteristics (Unless otherwise specified, Ta=-40°C to +105°C, Vcc=2.5V to 5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
Input High Voltage
VIH
0.7 x Vcc
-
Vcc+1.0
V
Input Low Voltage
VIL
-0.3
(Note1)
-
0.3 x Vcc
V
Output Low Voltage
VOL
0
-
0.4
V
IOL=3.0mA
Output High Voltage
VOH
Vcc-0.2
-
Vcc
V
IOH=-2.0mA
Input Leakage Current
ILI
- 1
-
1
µA
VIN=0 to Vcc
Output Leakage Current
ILO
- 1
-
1
µA
VOUT=0 to Vcc, CSB=Vcc
Supply Current (Write)
ICC1
-
-
3
mA
Vcc=5.5V, fSCK=10MHz, tE/W=5ms
Byte Write, Page Write, Write Status Register
Supply Current (Read)
ICC2
-
-
4
mA
Vcc=5.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
Standby Current
ISB
-
-
10
µA
Vcc=5.5V, SO=OPEN
CSB=HOLDB=WPB=Vcc, SCK=SI=Vcc or GND
(Note1) When the pulse width is 50ns or less, it is -1.0V.


Similar Part No. - BR25A1MFJ-3MGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25A256-3M ROHM-BR25A256-3M Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25A256F-3MGE2 ROHM-BR25A256F-3MGE2 Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25A256FJ-3MGE2 ROHM-BR25A256FJ-3MGE2 Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25A256FVT-3MGE2 ROHM-BR25A256FVT-3MGE2 Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25A512-3M ROHM-BR25A512-3M Datasheet
837Kb / 32P
   105C Operation SPI BUS EEPROM
More results

Similar Description - BR25A1MFJ-3MGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB_14 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25H256-2AC ROHM-BR25H256-2AC Datasheet
1Mb / 38P
   Operation SPI BUS EEPROM
BR25H320-2C ROHM-BR25H320-2C Datasheet
923Kb / 35P
   Operation SPI BUS EEPROM
BR25H640-2AC ROHM-BR25H640-2AC Datasheet
1Mb / 40P
   Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB_14 Datasheet
981Kb / 32P
   Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB_1 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25H128-2AC ROHM-BR25H128-2AC Datasheet
1Mb / 39P
   Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB_14 Datasheet
954Kb / 32P
   Operation SPI BUS EEPROM
BR25A256-3M ROHM-BR25A256-3M Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C_16 Datasheet
1Mb / 36P
   Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com