Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24T1MFJ-3AM Datasheet(PDF) 6 Page - Rohm

Part # BR24T1MFJ-3AM
Description  I2C BUS EEPROM (2-Wire)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T1MFJ-3AM Datasheet(HTML) 6 Page - Rohm

Back Button BR24T1MFJ-3AM Datasheet HTML 2Page - Rohm BR24T1MFJ-3AM Datasheet HTML 3Page - Rohm BR24T1MFJ-3AM Datasheet HTML 4Page - Rohm BR24T1MFJ-3AM Datasheet HTML 5Page - Rohm BR24T1MFJ-3AM Datasheet HTML 6Page - Rohm BR24T1MFJ-3AM Datasheet HTML 7Page - Rohm BR24T1MFJ-3AM Datasheet HTML 8Page - Rohm BR24T1MFJ-3AM Datasheet HTML 9Page - Rohm BR24T1MFJ-3AM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
.
6/28
Datasheet
Datasheet
BR24T1M-3AM
TSZ02201-0GFG0G100430-1-2
08.Jul.2016 Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Typical Performance Curves
Figure 4. Input High Voltage1 vs Supply Voltage
(A0, A1, A2, SCL, SDA, WP)
Figure 5. Input Low Voltage1 vs Supply Voltage
(A0, A1, A2, SCL, SDA, WP)
Figure 6. Output Low Voltage1 vs Output Low Current
(Vcc=2.5V)
Figure 7. Output Low Voltage2 vs Output Low Current
(Vcc=1.7V)
0
1
2
3
4
5
6
01
234
56
Supply Voltage : Vcc(V)
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
0
1
2
3
4
5
6
0123
456
Supply Voltage : Vcc(V)
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
0
0.2
0.4
0.6
0.8
1
01
234
56
Output Low Current : IOL(mA)
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
0
0.2
0.4
0.6
0.8
1
01
2
3
4
56
Output Low Current: IOL(mA)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24T1MFJ-3AM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T1MFJ-W ROHM-BR24T1MFJ-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T1MFJ-WG ROHM-BR24T1MFJ-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T1MFJ-WG ROHM-BR24T1MFJ-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T1MFJ-WGE2 ROHM-BR24T1MFJ-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T1MFJ-WGE2 ROHM-BR24T1MFJ-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T1MFJ-3AM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com