Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDT6501E-TR4 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TFDT6501E-TR4
Description  Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDT6501E-TR4 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TFDT6501E-TR4 Datasheet HTML 4Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 5Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 6Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 7Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 8Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 9Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 10Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 11Page - Vishay Siliconix TFDT6501E-TR4 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TFDU6101E/TFDS6401/TFDS6501E/TFDT6501E
Vishay Semiconductors
Rev. B1.6, 02–Nov–00
8 (17)
www.vishay.com
Document Number 82525
Recommended Circuit Diagram
The only required component for designing an
IrDA 1.3
solution
using
Vishay
Telefunken
transceivers is a current limiting resistor, R1, to the
IRED. However, depending on the entire system
design and board layout, additional components may
be required (see figure KEIN MERKER).
IRED
Cathode
IRED
Anode
Rxd
Vcc
GND
Txd
SD/Mode
Mode
TFDx6x0xE
C2
C1
R2
R1
VCC2
Rxd
GND
VCC1
SD/Mode
Txd
Note: outlined components are optional depending
on the quality of the power supply
Figure 3. Recommended Application Circuit
Vishay Telefunken transceivers integrate a sensitive
receiver and a built-in power driver. The combination
of both needs a careful circuit board layout. The use of
thin, long, resistive and inductive wiring should be
avoided. The inputs (Txd, SD/ Mode) and the output
Rxd should be directly (DC) coupled to the I/O circuit.
R1 is used for controlling the current through the
IR emitter. For increasing the output power of the
IRED, the value of the resistor should be reduced.
Similarly, to reduce the output power of the IRED, the
value of the resistor should be increased. For typical
values of R1 see figure 4. For IrDA compliant
operation, a current control resistor of 7.2
Ω is
recommended. For compensating losses of the cos-
metic window, reducing that value to 5.6
Ω is
acceptable. The upper drive current limitation is
dependent on the duty cycle and is given by the
absolute maximum ratings on the data sheet.
R2, C1 and C2 are optional and dependent on the
quality of the supply voltage VCC and injected noise.
An unstable power supply with dropping voltage during
transmission may reduce sensitivity (and transmission
range) of the transceiver.
The placement of these parts is critical. It is strongly
recommended to position C2 as near as possible to the
transceiver
power
supply
pins.
An
electrolytic
capacitor should be used for C1 while a ceramic
capacitor is used for C2.
Table 1. Recommended Application Circuit Components
Component
Recommended Value
Vishay Part Number
C1
4.7
mF, Tantalum
293D 475X9 016B 2T
C2
0.1
µF, Ceramic
VJ 1206 Y 104 J XXMT
R1
5 V supply voltage: 7.2
Ω , 0.25 W
(recommend using
two 3.6
W, 0.125 W resistors in series)
3.3 V supply voltage: 3.6
Ω , 0.25 W
(recommend using
two 1.8
W, 0.125 W resistors in series)
CRCW–1206–3R60–F–RT1
CRCW–1206–1R80–F–RT1
R2
47
Ω , 0.125 W
CRCW–1206–47R0–F–RT1


Similar Part No. - TFDT6501E-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDT6500E VISHAY-TFDT6500E Datasheet
549Kb / 12P
   2.7-5.5V Fast Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDT6502E VISHAY-TFDT6502E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDT6502E-TR3 VISHAY-TFDT6502E-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDT6501E-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com