Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6411 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6411
Description  FIXED POINT DIGITAL SIGNAL PROCESSOR
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6411 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6411 Datasheet HTML 3Page - Texas Instruments TMS320C6411 Datasheet HTML 4Page - Texas Instruments TMS320C6411 Datasheet HTML 5Page - Texas Instruments TMS320C6411 Datasheet HTML 6Page - Texas Instruments TMS320C6411 Datasheet HTML 7Page - Texas Instruments TMS320C6411 Datasheet HTML 8Page - Texas Instruments TMS320C6411 Datasheet HTML 9Page - Texas Instruments TMS320C6411 Datasheet HTML 10Page - Texas Instruments TMS320C6411 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C64x
 DSPs (including the TMS320C6411 device) are the highest-performance fixed-point DSP
generation in the TMS320C6000
 DSP platform. The TMS320C6411 (C6411) device is based on the
second-generation high-performance, advanced VelociTI
 very-long-instruction-word (VLIW) architecture
(VelocTI.2
) developed by Texas Instruments (TI), making these DSPs an excellent choice for multichannel
and multifunction applications. The C64x
 is a code-compatible member of the C6000 DSP platform.
With performance of up to 2400 million instructions per second (MIPS) at a clock rate of 300 MHz, the C6411
device offers cost-effective solutions to high-performance DSP programming challenges. The C6411 DSP
possesses the operational flexibility of high-speed controllers and the numerical capability of array processors.
The C64x
 DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs)— with
VelociTI.2
 extensions. The VelociTI.2 extensions in the eight functional units include new instructions to
accelerate the performance in key applications and extend the parallelism of the VelociTI
 architecture. The
C6411 can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of 600 million MACs per second
(MMACS), or eight 8-bit MACs per cycle for a total of 2400 MMACS. The C6411 DSP also has
application-specific hardware logic, on-chip memory, and additional on-chip peripherals similar to the other
C6000
 DSP platform devices.
The C6411 uses a two-level cache-based architecture and has a powerful and diverse set of peripherals. The
Level 1 program cache (L1P) is a 128-Kbit direct mapped cache and the Level 1 data cache (L1D) is a 128-Kbit
2-way set-associative cache. The Level 2 memory/cache (L2) consists of a 2-Mbit memory space that is shared
between program and data space. L2 memory can be configured as mapped memory or combinations of cache
(up to 256K bytes) and mapped memory. The peripheral set includes two multichannel buffered serial ports
(McBSPs); three 32-bit general-purpose timers; a user-configurable 16-bit or 32-bit host-port interface
(HPI16/HPI32); a peripheral component interconnect (PCI); a general-purpose input/output port (GPIO) with
16 GPIO pins; and a glueless external memory interface (32-bit EMIF), which is capable of interfacing to
synchronous and asynchronous memories and peripherals.
The C6411 has a complete set of development tools which includes: a new C compiler, an assembly optimizer
to simplify programming and scheduling, and a Windows
 debugger interface for visibility into source code
execution.
TMS320C6000, C64x, and C6000 are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
Other trademarks are the property of their respective owners.


Similar Part No. - TMS320C6411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6411 TI1-TMS320C6411 Datasheet
1Mb / 121P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6411ACLZ TI1-TMS320C6411ACLZ Datasheet
1Mb / 121P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6411AGLZ TI1-TMS320C6411AGLZ Datasheet
1Mb / 121P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6411AZLZ TI1-TMS320C6411AZLZ Datasheet
1Mb / 121P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6411GLZ TI1-TMS320C6411GLZ Datasheet
1Mb / 121P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com