Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN41 Datasheet(PDF) 8 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RN41 Datasheet HTML 4Page - Microchip Technology RN41 Datasheet HTML 5Page - Microchip Technology RN41 Datasheet HTML 6Page - Microchip Technology RN41 Datasheet HTML 7Page - Microchip Technology RN41 Datasheet HTML 8Page - Microchip Technology RN41 Datasheet HTML 9Page - Microchip Technology RN41 Datasheet HTML 10Page - Microchip Technology RN41 Datasheet HTML 11Page - Microchip Technology RN41 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RN41/RN41N
DS50002280A-page 8
 2014 Microchip Technology Inc.
2.0
APPLICATION INFORMATION
The following sections provide information on design-
ing with the RN41/RN41N module, including radio
interference, factory reset, solder reflow profile, con-
nection status, and so on.
2.1
Reset Circuit
The RN41/RN41N contains a weak internal pull-up to
VCC, and the reset polarity is active low. The module’s
reset pin has an optional Power-on Reset circuit with a
delay, which should only be required if the input power
supply has a very slow ramp or tends to bounce or have
instability on power-up. Often a microcontroller or
embedded CPU I/O is available to generate the reset
once power is stable. If not, designers can use one of
the many low-cost power supervisor chips available,
such as the MCP809 or MCP102/121.
2.2
Factory Reset Using GPIO4
It is recommended to connect the GPIO4 pin to a
switch, jumper, or resistor so it can be accessed. This
pin can be used to reset the module to its factory
default settings, which is critical in situations where the
module has been misconfigured. To reset the module
to the factory defaults, GPIO4 should be high on
power-up and then toggle between low and high twice
with a 1 second wait between the low-high transitions.
2.3
Connection Status
GPIO5 is available to drive an LED, and it blinks at var-
ious speeds to indicate status, see Table 2-1. GPIO2 is
an output that directly reflects the connection state as
shown in Table 2-2.
2.4
Module Mounting Details
Figure 2-1 and Figure 2-2 show the recommended
PCB footprint for the RN41 and RN41N, respectively.
When laying out the carrier board for the RN41 module,
the areas under the antenna and shielding connections
should not have surface traces, ground planes, or
exposed vias.
Figure 2-3 and Figure 2-4 show the recommended
mounting details for the RN41 and RN41N, respec-
tively. For optimal radio performance, the RN41 mod-
ule’s antenna end should protrude at least 31 mm
beyond any metal enclosure.
Figure 2-5 shows examples of good, bad, and accept-
able positioning of the RN41 on the host PCB.
FIGURE 2-1:
RN41 RECOMMENDED
PCB FOOTPRINT
TABLE 2-1:
GPIO5 STATUS
GPIO5 Status
Description
Toggle at 1 Hz
The module is discoverable and
waiting for a connection.
Toggle at 10 Hz The module is in command mode.
High
The module is connected to
another device over Bluetooth.
TABLE 2-2:
GPIO2 STATUS
GPIO5 Status
Description
High
The module is connected to
another device over Bluetooth.
Low
The module is not connected over
Bluetooth.
Host PCB
Ground Plane
Edge
Shield Pads X4
0.8 mm x 1.3 mm
Do not locate vias
or signal traces
under Shield Pads


Similar Part No. - RN41

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
RN412ATTE1002B100 KOA-RN412ATTE1002B100 Datasheet
99Kb / 2P
   fixed metal film melf resistors
RN412ATTE1002B100 KOA-RN412ATTE1002B100 Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
RN412ATTE1002B200 KOA-RN412ATTE1002B200 Datasheet
99Kb / 2P
   fixed metal film melf resistors
More results

Similar Description - RN41

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
List of Unclassifed Man...
WT11I-E ETC2-WT11I-E Datasheet
899Kb / 39P
   Bluetooth v.2.1 EDR, class 1
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
logo
List of Unclassifed Man...
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com