Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDS6501E-TR4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFDS6501E-TR4
Description  Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDS6501E-TR4 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFDS6501E-TR4 Datasheet HTML 1Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 2Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 3Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 4Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 5Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 6Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 7Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 8Page - Vishay Siliconix TFDS6501E-TR4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TFDU6101E/TFDS6401/TFDS6501E/TFDT6501E
Vishay Semiconductors
Rev. B1.6, 02–Nov–00
4 (17)
www.vishay.com
Document Number 82525
Absolute Maximum Ratings
Reference point Pin: GND unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage Range,
Transceiver
0 V <VCC2 <6 V
VCC1
– 0.5
6
V
Supply Voltage Range,
Transmitter
0 V <VCC1 <6 V
VCC2
– 0.5
6
V
Input Currents
For all Pins, Except IRED
Anode Pin
10
mA
Output Sinking Current
25
mA
Power Dissipation
See Derating Curve
PD
350
mW
Junction Temperature
TJ
125
°C
Ambient Temperature
Range (Operating)
Tamb
–25
+85
°C
Storage Temperature
Range
Tstg
–25
+85
°C
Soldering Temperature
See Recommended Solder
Profile (see Figure 11)
240
°C
Average Output Current
IIRED (DC)
130
mA
Repetitive Pulsed Output
Current
<90
µs, ton <20%
IIRED (RP)
600
mA
IRED Anode Voltage
VIREDA
– 0.5
6
V
Transmitter Data Input
Voltage
VTxd
– 0.5
VCC1 +0.5
V
Receiver Data Output
Voltage
VRxd
– 0.5
VCC1 +0.5
V
Virtual Source Size
Method:
(1–1/e) encircled energy
d
2.5
2.8
mm
Maximum Intensity for
Class 1 Operation of
IEC825–1 or EN60825–1
(worst case IrDA FIR
pulse pattern)
EN60825, 1997,
unidirectional operation,
worst case test mode
320
mW/sr


Similar Part No. - TFDS6501E-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDS6500E VISHAY-TFDS6500E Datasheet
549Kb / 12P
   2.7-5.5V Fast Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDS6502E VISHAY-TFDS6502E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDS6502E-TR3 VISHAY-TFDS6502E-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDS6501E-TR4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com