Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP401APZP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TI PanelBus DIGITAL RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP401APZP Datasheet(HTML) 5 Page - Texas Instruments

  TFP401APZP Datasheet HTML 1Page - Texas Instruments TFP401APZP Datasheet HTML 2Page - Texas Instruments TFP401APZP Datasheet HTML 3Page - Texas Instruments TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TFP401, TFP401A
TI PanelBus
 DIGITAL RECEIVER
SLDS120B - MARCH 2000 – REVISED JUNE 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RxC+
93
AI
Clock positive receiver input – Positive side of reference clock. TMDS low voltage signal differential input pair
RxC–
94
AI
Clock negative receiver input – Negative side of reference clock. TMDS low voltage signal differential input
pair.
Rx0+
90
AI
Channel-0 positive receiver input – Positive side of channel-0. TMDS low voltage signal differential input pair.
Channel-0 receives blue pixel data in active display and HSYNC, VSYNC control signals in blank.
Rx0–
91
AI
Channel-0 negative receiver input – Negative side of channel-0. TMDS low voltage signal differential input
pair.
Rx1+
85
AI
Channel-1 positive receiver input – Positive side of channel-1 TMDS low voltage signal differential input pair.
Channel-1 receives green pixel data in active display and CTL1 control signals in blank.
Rx1–
86
AI
Channel-1 negative receiver input – Negative side of channel-1 TMDS low voltage signal differential input pair
Rx2+
80
AI
Channel-2 positive receiver input – Positive side of channel-2 TMDS low voltage signal differential input pair.
Channel-2 receives red pixel data in active display and CTL2, CTL3 control signals in blank.
Rx2–
81
AI
Channel-2 negative receiver input – Negative side of channel-2 TMDS low voltage signal differential input pair.
SCDT
8
DO
Sync detect – Output to signal when the link is active or inactive. The link is considered to be active when DE is
actively switching. The TFP401/401A monitors the state DE to determine link activity. SCDT can be tied
externally to PDO to power down the output drivers when the link is inactive.
High: Active link
Low: Inactive link
ST
3
DI
Output drive strength select – Selects output drive strength for high or low current drive. (See dc specifications
for IOH and IOL vs ST state.)
High : High drive strength
Low : Low drive strength
STAG
7
DI
Staggered pixel select – An active low signal used in the 2-pixel/clock pixel mode (PIXS = high). Time staggers
the even and odd pixel outputs to reduce ground bounce. Normal operation outputs the odd and even pixels
simultaneously.
High : Normal simultaneous even/odd pixel output
Low: Time staggered even/odd pixel output
VSYNC
47
DO
Vertical sync output
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, DVDD, AVDD, OVDD, PVDD
-0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, logic/analog signals
-0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
- 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package power dissipation/PowerPAD
: Soldered (see Note 1)
4.3 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Not soldered (see Note 2)
2.7 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Protection, all pins
2.5 KV Human Body Model
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
JEDEC latchup (EIA/JESD78)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Specified with PowerPAD
 bond pad on the backside of the package soldered to a 2 oz. Cu plate PCB thermal plane. Specified
at maximum allowed operating temperature, 70
°C.
2. PowerPAD
 bond pad on the backside of the package is not soldered to a thermal plane. Specified at maximum allowed operating
temperature, 70
°C.


Similar Part No. - TFP401APZP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFP401APZP ETC2-TFP401APZP Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401APZP TI1-TFP401APZP Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP401APZP TI1-TFP401APZP Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP401APZPG4 TI1-TFP401APZPG4 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP401APZPG4 TI1-TFP401APZPG4 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
More results

Similar Description - TFP401APZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
[Old version datasheet]   TFP410 TI PanelBus DIGITAL TRANSMITTER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP503 TI-TFP503 Datasheet
445Kb / 27P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com