Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3000PE Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DS3000PE
Description  Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS3000PE Datasheet(HTML) 6 Page - Artesyn Technologies

  DS3000PE Datasheet HTML 1Page - Artesyn Technologies DS3000PE Datasheet HTML 2Page - Artesyn Technologies DS3000PE Datasheet HTML 3Page - Artesyn Technologies DS3000PE Datasheet HTML 4Page - Artesyn Technologies DS3000PE Datasheet HTML 5Page - Artesyn Technologies DS3000PE Datasheet HTML 6Page - Artesyn Technologies DS3000PE Datasheet HTML 7Page - Artesyn Technologies DS3000PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS3000PE Data Sheet
Timing Diagram
PSON
Vout_main
PWOK
ACOK
Vout_stby
AC Input
Tsb_On
TAC_On_Delay
Tsb_Vout
TPSON_On_Delay
Tsb_Hold-up
TPWOK_Hold-up
TVout_Hold-up
TPWOK_Off
TACOK_Delay
TPWOK_On
Tsb_ACOK
Environmental Specifications
Operating temperature
Full power from 0 to 40 °C, derate output power by 2.5% per °C from 40 °C to 50 °C
Operating altitude
up to 10,000 feet
Operating relative humidity
20% to 80% non-condensing
Non-operating temperature
-40 to +85 °C
Non-operating relative humidity
10% to 95% non-condensing
Non-operating altitude
up to 30,000 feet
Vibration and shock
Standard operating/non-operating random vibration/shock
ROHS compliance
Yes
MTBF
400,000 hours
Operating life
Minimum of 5 years
Reliability
All electronic component derating analysis and capacitor life calculation is done at 25 degC ambient, maximum rated
load, nominal input line voltage.


Similar Part No. - DS3000PE

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
DS3000TE ADVANCEDENERGY-DS3000TE Datasheet
1,010Kb / 11P
   3000 Watt Front-End AC-DC Power Supply
01 12.23
More results

Similar Description - DS3000PE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com