Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV-R Datasheet(PDF) 2 Page - Recom International Power

Part # RV-R
Description  EN-61010 for Test, Measurement and Lab Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RV-R Datasheet(HTML) 2 Page - Recom International Power

  RV-R Datasheet HTML 1Page - Recom International Power RV-R Datasheet HTML 2Page - Recom International Power RV-R Datasheet HTML 3Page - Recom International Power RV-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECONOLINE
DC/DC-Converter
Relative Humidity
95% RH
Package Weight
9g
Packing Quantity
15 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1154 x 103 hours
(+85°C)
using MIL-HDBK 217F
168 x 103 hours
Reinforced Isolation
Transformer Creepage
Reinforced Types
5.5 mm min.
Transformer Clearance
Reinforced Types
5.5 mm min.
PCB Creepage & Clearance
Reinforced Types
4.8 mm min.
Certifications
Measurement, Control and Laboratory Use Safety
Report: T1301251-313
EN 61010-1 : 2010
CSA General Safety
UL 60950-1 1st Edition
C22.2 No. 60950-1-03
UL/cUL Medical Safety
Report: E314885-A4
UL60601-1 3rd Edition
CSA Medical Safety
Report: 2207629
CAN/CSA-22.2 No 601.1-M90
EN General Safety
Report: SPCLVD1310079-1
EN60950-1 : 2006
EN Medical Safety
Report: CA-10168-A1-UL
IEC/EN 60601-1 3rd Edition
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Tolerance Envelope
+10%
+6%
V Nom.
+5%
– 2.5%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load
Line
} DetailedInformationsee
Application Notes chapter "MTBF"
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
RV/R
Series
REV: 1/2015
www.recom-power.com
E-114


Similar Part No. - RV-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-0505D RECOM-RV-0505D Datasheet
108Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-0505D RECOM-RV-0505D Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-0505DP RECOM-RV-0505DP Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-0505S RECOM-RV-0505S Datasheet
108Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-0505S RECOM-RV-0505S Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
More results

Similar Description - RV-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RXXP2XX-R RECOM-RXXP2XX-R Datasheet
124Kb / 4P
   EN-61010 for Test, Measurement and Lab Use
logo
Analog Devices
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
   Test and measurement equipment
logo
Maxim Integrated Produc...
MAX77813EVKIT MAXIM-MAX77813EVKIT Datasheet
1Mb / 8P
   Accessible Test Points for EN, POK, and ILIM
Rev 0; 12/18
MAX77827EVKIT MAXIM-MAX77827EVKIT Datasheet
1Mb / 9P
   Accessible Test Points for EN, POK, and OUTS
Rev 0; 5/19
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
   PWR163 Series Power Resistor Test and measurement
logo
Maxim Integrated Produc...
MAX20360EVKIT MAXIM-MAX20360EVKIT Datasheet
5Mb / 35P
   Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
logo
SL Power Electronics
TB110S SLPOWER-TB110S Datasheet
632Kb / 4P
   110W Single Output Test and Measurement/Industrial Series
TB65 SLPOWER-TB65 Datasheet
495Kb / 6P
   65W Single Output Test and Measurement/Industrial Series
logo
Systemsensor advanced i...
RTC100 SYSTEMSENSOR-RTC100 Datasheet
72Kb / 2P
   Remote Test Coil Kit for use
logo
Keysight Technologies
Y9071B KEYSIGHT-Y9071B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com