Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ-122005D Datasheet(PDF) 5 Page - Recom International Power

Part # RKZ-122005D
Description  High Isolation 3kVDC & 4kVDC for 1 minute
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ-122005D Datasheet(HTML) 5 Page - Recom International Power

  RKZ-122005D Datasheet HTML 1Page - Recom International Power RKZ-122005D Datasheet HTML 2Page - Recom International Power RKZ-122005D Datasheet HTML 3Page - Recom International Power RKZ-122005D Datasheet HTML 4Page - Recom International Power RKZ-122005D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal Input and full load after warm-up time unless otherwise noted)
RKZ-xx2005D
Series
ECO-5
REV.: 1/2016
www.recom-power.com
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 16.5 x 9.3mm
Packaging Quantity
25pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% to 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - RKZ-122005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ-122005D RECOM-RKZ-122005D Datasheet
323Kb / 5P
   2 Watt SIP7 for SIC Application
More results

Similar Description - RKZ-122005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKE RECOM-RKE Datasheet
256Kb / 4P
   4kVDC/1 second Isolation
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
   3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
List of Unclassifed Man...
REC5-2412 ETC2-REC5-2412 Datasheet
150Kb / 4P
   High 4kVDC 6kVDC Isolation
logo
Recom International Pow...
REC3-SDRW RECOM-REC3-SDRW Datasheet
131Kb / 4P
   2kV, 4kVDC & 6kVDC Isolation
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
   2kVDC And 3kVDC Isolation Options
REC10M RECOM-REC10M Datasheet
105Kb / 2P
   2kVDC and 3kVDC Isolation Options
logo
E-SWITCH
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
Recom International Pow...
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
   1KVDC, 2KVDC and 3kVDC Isolation Options
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com