Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP1001B-06 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # AHP1001B-06
Description  Medical Grade Class II 10 Watt Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP1001B-06 Datasheet(HTML) 4 Page - Astrodyne Corporation

  AHP1001B-06 Datasheet HTML 1Page - Astrodyne Corporation AHP1001B-06 Datasheet HTML 2Page - Astrodyne Corporation AHP1001B-06 Datasheet HTML 3Page - Astrodyne Corporation AHP1001B-06 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Medical Grade Class II 10 Watt Adapter
AHP1001 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
DERATING CURVES
0315
medical
HPU10A series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. HPU10A-101~105 are required to use AWG#20/4FT output cable.
3. HPU10A-106~112 are required to use AWG#24/4FT output cable.
4. The regulation and efficiency will be changed by modified output cable.
1.Netweight:90gapprox.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Adjustable
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Adjustment Maximum
Output Current
(Based on the output volt.)
HPU10A-101
HPU10A-102
3.0
5.0
5.0
6.0
1.20
1.33
2.00
1.60
6
8
66
50
65
80
0.2
0.3
12
12
12
12
12
12
12
12
12
12
12
12
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
81
83
84
85
86
86
86
86
86
86
±5
±5
±5
±5
±5
±5
±5
±5
±3
±3
±3
±3
60
80
100
100
100
100
100
100
100
100
8
10
10
10
10
10
10
10
10
10
1.33
1.25
0.90
0.76
0.62
0.47
0.37
0.30
0.25
0.20
1.00
0.90
0.76
0.62
0.47
0.37
0.30
0.25
0.20
0.19
8.0
11.0
13.0
6.0
8.0
11.0
13.0
16.0
16.0
21.0
27.0
33.0
40.0
50.0
21.0
27.0
33.0
40.0
50.0
55.0
HPU10A-103
HPU10A-104
HPU10A-105
HPU10A-106
HPU10A-107
HPU10A-108
HPU10A-109
HPU10A-110
HPU10A-111
HPU10A-112
10W External Medical Grade Power Supply
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE


Similar Part No. - AHP1001B-06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-01 ASTRODYNE-AHP1001-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-02 ASTRODYNE-AHP1001-02 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-03 ASTRODYNE-AHP1001-03 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-04 ASTRODYNE-AHP1001-04 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
More results

Similar Description - AHP1001B-06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
DCL112-0MC ASTRODYNE-DCL112-0MC Datasheet
390Kb / 3P
   75 Watt Medical Grade Automobile Power Adapter
logo
Phihong USA Inc.
PMA18A-120PHW PHIHONG-PMA18A-120PHW Datasheet
85Kb / 2P
   18W Medical Grade Adapter
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
SL Power Electronics
MW155 SLPOWER-MW155 Datasheet
349Kb / 2P
   120 Watt Medical Adapter Series
MW159 SLPOWER-MW159 Datasheet
381Kb / 2P
   100 Watt Medical Adapter Family
logo
ETA-USA
MTE175-ZZSX-F-W6 ETA-USA-MTE175-ZZSX-F-W6 Datasheet
1Mb / 4P
   175 Watt AC/DC Medical Adapter
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
   24 Watt Universal Input Medical Adapter Series
logo
Schaffner International...
FN-9274 SCHAFFNER-FN-9274 Datasheet
4Mb / 6P
   Versatile Medical Class II EMC/EMI Filter
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com