Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV-48-500 Datasheet(PDF) 9 Page - Astrodyne Corporation

Part # SMV-48-500
Description  500 Watt, High Efficiency, AC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SMV-48-500 Datasheet(HTML) 9 Page - Astrodyne Corporation

Back Button SMV-48-500 Datasheet HTML 5Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 6Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 7Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 8Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 9Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 10Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 11Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 12Page - Astrodyne Corporation SMV-48-500 Datasheet HTML 13Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
500 Watt, High Efficiency, AC/DC Power Modules
SMV-500
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Rev.3.6 2014/02/26
Web Site: http://www.acbel.com
10
Fig. 4 Bulk cap ripple current requirement vs. Output load
R2
R2
R2
R2: Inrush current limit. Resistance can be calculated by formula below. Suggest to choose resistance >10ohm.
.
Vinrms: Input voltage
Ir,pk
: Inrush current peak value.
Sufficient inrush energy withstand capacity is required. Required energy capacity can be calculated below and
suggest having some design margin.
Cbulk
: Bulk capacitance (C10&C11)
Vinrms: Input voltage.
The selected inrush resistor R2 have to meet the formula below, if the resistor value over the limitation may
cause the brick damage.
Cbulk
: Bulk capacitance (C10&C11)
C12
C12
C12
C12: Part of EMI filter. Choose safety approved Y-cap.
C13 C14
C13 C14
C13 C14
C13 C14: E-cap to reduce output ripple and ensure stability. Choose low ESR part and check the ripple current
rating higher than application. Suggest at least 470uF*2 if Tb>-20℃ and 470uF*4 if -40℃<Tb<-20℃.
C15
C15
C15
C15: Connect ceramic capacitor near output terminal to reduce output noise.
C16 C17
C16 C17
C16 C17
C16 C17: Ceramic or film capacitor for EMI filtering. High voltage rating is required for isolation requirement.
pk
Ir
Vin
R
rms
,
2
*
=
2
)
2
(*
2
1
rms
bulk
Vin
C
bulk
C
mS
R
*
20
300
<


Similar Part No. - SMV-48-500

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
   Precision Resistor
More results

Similar Description - SMV-48-500

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
SX500 CANDD-SX500 Datasheet
475Kb / 4P
   500 WATT AC/DC POWER SUPPLY
KX500 CANDD-KX500 Datasheet
204Kb / 4P
   500 WATT AC/DC POWER SUPPLY
logo
TRACO Electronic AG
TXLN500 TRACOPOWER-TXLN500 Datasheet
944Kb / 5P
   AC/DC Power Supply TXLN 500 Series, 500 Watt
Rev. March 16, 2023
logo
Power-One
UT1201-7 POWER-ONE-UT1201-7 Datasheet
94Kb / 4P
   500 Watt AC-DC Converters
logo
Powerbox
PBEP-12E POWERBOX-PBEP-12E Datasheet
278Kb / 1P
   300-500 WATT DC/AC INVERTER
logo
ETA-USA
EPX380SX ETA-USA-EPX380SX Datasheet
379Kb / 4P
   600 WATT AC-DC POWER FACTOR CORRECTION MODULES
logo
Power-One
LXR1601-6 POWER-ONE-LXR1601-6 Datasheet
247Kb / 5P
   375 and 500 Watt AC-DC Converters
logo
CINCON ELECTRONICS Corp...
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
   260 WATT OPEN FRAME AC-DC MODULES
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
   20 WATT SINGLE OUTPUT AC-DC MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com