Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE500-48-120-R Datasheet(PDF) 9 Page - Astrodyne Corporation

Part # LPE500-48-120-R
Description  LPE Hot Swap Inverter Shelf
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPE500-48-120-R Datasheet(HTML) 9 Page - Astrodyne Corporation

Back Button LPE500-48-120-R Datasheet HTML 4Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 5Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 6Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 7Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 8Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 9Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 10Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 11Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 12Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Signature LPE Inverter Shelf
400W or 500W Inverters
Demanding Power Demands TDI
TDI - POWER
36 Newburgh Road, Hackettstown, NJ 07840 • Phone: 908-850-5088 • Fax: 908-850-1607 • www.tdipower.com
Up to 1,500 Watts
86% Efficient
N+1 Redundant
Hot-Pluggable
Module Alarms
Battery Backed AC
Order Information
Part Number
Description
141607-120
+24/-48 VDC Input Signature LPE Inverter Shelf, 120
VAC Output
141607-220
+24/-48 VDC Input Signature LPE Inverter Shelf, 220
VAC Output
Specifications
The Signature LPE Inverter Shelf powers
Routers, Switches and any other AC-
powered network equipment.
Networks of all types have a growing need
for battery-backed AC power; the LPE In-
verter Shelf is ideally suited for these appli-
cations.
This product can be stacked with other
Signature Power System components to
create an optimized solution for nearly any
application.
Options:
The LPE Inverter Shelf can be used with
an Automatic Transfer Switch or Mainte-
nance Bypass Switch. Meters can be in-
stalled to monitor the AC Output Voltage,
Current and Frequency.
INPUT
400W Inverters:
22-29 VDC
500W Inverters:
40-59 VDC
OUTPUT
Voltage:
120 VAC or 220 VAC
Power:
up to 1,500 Watts per Shelf
Efficiency:
86% Typical
ALARMS
Electronic:
DC Input, AC Output, Module Status
Visual Alarm:
LED on Module & Controller
ENVIRONMENTAL
Normal operation
- 20°C to + 55°C
Storage Temp:
- 40°C to + 75°C
Humidity:
0-95% non-condensing
MECHANICAL
Weight:
20 Lbs Fully Populated
Module Dimensions:
Height -
1U
Width -
17.5”
Depth -
24”
Mounting:
19” or 23”
AGENCY COMPLIANCE
EMI:
EN55022, Class A
Safety:
UL60950, IEC60950
Uses & Benefits
Features


Similar Part No. - LPE500-48-120-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE5047 VISHAY-LPE5047 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE5047ER100MG VISHAY-LPE5047ER100MG Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE5047ER100MG VISHAY-LPE5047ER100MG Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE5047ER100MG VISHAY-LPE5047ER100MG Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE5047ER101MG VISHAY-LPE5047ER101MG Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
More results

Similar Description - LPE500-48-120-R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com