Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5980MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV5980MC
Description  Low power consumption
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5980MC Datasheet(HTML) 2 Page - ON Semiconductor

  LV5980MC_13 Datasheet HTML 1Page - ON Semiconductor LV5980MC_13 Datasheet HTML 2Page - ON Semiconductor LV5980MC_13 Datasheet HTML 3Page - ON Semiconductor LV5980MC_13 Datasheet HTML 4Page - ON Semiconductor LV5980MC_13 Datasheet HTML 5Page - ON Semiconductor LV5980MC_13 Datasheet HTML 6Page - ON Semiconductor LV5980MC_13 Datasheet HTML 7Page - ON Semiconductor LV5980MC_13 Datasheet HTML 8Page - ON Semiconductor LV5980MC_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LV5980MC
No.A2104-2/16
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN max
25
V
VIN-SW
30
V
VIN-PDR
6V
REF
6V
SS/HICCUP
REF
V
FB
REF
V
Allowable pin voltage
COMP
REF
V
Allowable power dissipation
Pd max
Specified substrate *1
1.35
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
*1 Specified substrate : 50.0mm
× 50.0mm × 1.6mm, fiberglass epoxy printed circuit board, 4 layers
Note 1 : Absolute maximum ratings represent the values which cannot be exceeded for any length of time.
Note 2 : Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
4.5 to 23
V
Electrical Characteristics
at Ta = 25°C, VIN = 15V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage
Internal reference voltage
VREF
1.210
1.235
1.260
V
Pch drive voltage
VPDR
IOUT = 0 to -5mA
VIN-5.5
VIN-5.0
VIN-4.5
V
Saw wave oscillator
Oscillatory frequency
FOSC
310
370
430
kHz
Soft start circuit
Soft start
• source current
ISS_SC
1.2
1.8
2.4
μA
Soft start
• sink current
ISS_SK
VIN = 3V, SS = 0.4V
300
μA
UVLO circuit
UVLO release voltage
VUVLON
FB = COMP
3.3
3.7
4.1
V
UVLO lock voltage
VUVLOF
FB = COMP
3.02
3.42
3.82
V
Error amplifier
Input bias current
IEA_IN
-100
-10
nA
Error amplifier gain
GEA
100
220
380
μA/V
Output sink current
IEA_OSK
FB = 1.75V
-30
-17
-8
μA
Output source current
IEA_OSC
FB = 0.75V
8
17
30
μA
Over current limit circuit
Current limit peak
ICL
3.5
4.7
6.2
A
HICCUP timer start-up cycle
NCYC
15
cycle
HICCUP comparator threshold voltage
VtHIC
0.15
V
HICCUP timer discharge current
IHIC
0.25
μA
PWM comparator
Maximum on-duty
DMAX
94
%
Output
Output on resistance
RON
IO = 0.5A
100
m
Ω
The entire device
Light load mode consumption current
ISLEEP
No switching
63
83
μA
Thermal shutdown
TSD
Design guarantee *2
170
°C
*2 : Design guarantee: Signifies target value in design. These parameters are not tested in an independent IC.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LV5980MC_13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5980MC SANYO-LV5980MC Datasheet
386Kb / 16P
   Low power consumption and high efficiency Step-down Switching Regulator
More results

Similar Description - LV5980MC_13

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com