Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA8630MC-AH Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA8630MC-AH
Description  Low Voltage and Current Dissipation Compandor IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA8630MC-AH Datasheet(HTML) 1 Page - ON Semiconductor

  LA8630MC-AH Datasheet HTML 1Page - ON Semiconductor LA8630MC-AH Datasheet HTML 2Page - ON Semiconductor LA8630MC-AH Datasheet HTML 3Page - ON Semiconductor LA8630MC-AH Datasheet HTML 4Page - ON Semiconductor LA8630MC-AH Datasheet HTML 5Page - ON Semiconductor LA8630MC-AH Datasheet HTML 6Page - ON Semiconductor LA8630MC-AH Datasheet HTML 7Page - ON Semiconductor LA8630MC-AH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Publication Order Number :
LA8630MC/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2016
January 2016 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 8 of this data sheet.
LA8630MC
Monolithic Linear IC
Low Voltage and Current
Dissipation Compandor IC
Applications
 Cordless telephone
 FM transceiver
Functions
 Compressor (VCA circuit, full-wave rectifying circuit, adder amplifier)
 Expandor (VCA circuit, full-wave rectifying circuit, adder amplifier)
 Operational amplifier (in the compressor)
 Operational amplifier with muting function (in the expandor)
 Analog switch for data signal input (in the compressor)
 Regulator
Specifications
Maximum Ratings at Ta = 25C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
8
V
Allowable power dissipation
Pd max
Ta
 75ºC
100
mW
Operating temperature
Topr
20 to +75
ºC
Storage temperature
Tstg
40 to +125
ºC
Operating Conditions at Ta = 25C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3
V
Operating voltage range
VCC op
2.2 to 6.0
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
SOIC-16


Similar Part No. - LA8630MC-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8630M SANYO-LA8630M Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results

Similar Description - LA8630MC-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Micross Components
AS58C1001 MICROSS-AS58C1001 Datasheet
242Kb / 20P
   Low power dissipation, active current
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com