Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA8630MC Datasheet(PDF) 7 Page - ON Semiconductor

Part # LA8630MC
Description  Low Voltage and Current Dissipation Compandor IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA8630MC Datasheet(HTML) 7 Page - ON Semiconductor

  LA8630MC Datasheet HTML 1Page - ON Semiconductor LA8630MC Datasheet HTML 2Page - ON Semiconductor LA8630MC Datasheet HTML 3Page - ON Semiconductor LA8630MC Datasheet HTML 4Page - ON Semiconductor LA8630MC Datasheet HTML 5Page - ON Semiconductor LA8630MC Datasheet HTML 6Page - ON Semiconductor LA8630MC Datasheet HTML 7Page - ON Semiconductor LA8630MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA8630MC
www.onsemi.com
7
Compressor, THD - Output level
0.1
2
3
5
7
1.0
2
3
5
7
10
Expandor, THD - Output level
23
5
7 10
23
5
7 100
2
3
57 1000
2
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
57
10
100
2
3
57
2
35
2
234
5
6
7
9
1.2
3.2
2.8
2.4
1.6
ICCO - VCC
2.0
18
Supply Voltage, VCC - V
-20
0
20
40
60
80
100
2.4
2.8
2.7
2.5
ICCO -- Ta
2.6
-40
Ambient temperature, Ta --
°C
VCC = 3V
with no signal input
-20
0
20
40
60
80
-24
-20
-21
-23
VCREF -- Ta
-22
-40
Ambient temperature, Ta --
°C
VCC = 3V
Operation Amp.
Gain: 0dB
VIN = -20dBV(1kHz)
-100
0
10
-70
-10
-40
-60
Compressor, Input/Output
-50
-110
Input level, - dBV
-80
-90
-60
-70
-40
-50
-20
-30
-10
-20
-30
VCC = 3V
f = 1kHz
Output level - mVrms
Output level - mVrms
VCC = 3V
Operation Amp.
Gain: -6dB
W/Filter (100kHz LPF)
200Hz
1kHz
0
-100
-10
-40
-90
Expandor, Input/Output
-80
Input level, - dBV
-60
-40
-50
-20
-30
-10
-20
-30
-70
-60
-50
10
0
VCC = 3V
Operation Amp.
NF Resistnce 47kΩ
fIN = 1kHz
80
-23
-28
Expandor, VEREF - Ta
-27
-40
0
-20
40
20
60
-26
-25
-24
VCC = 3V
Operation Amp.
Gain: -6dB
VIN = -20dB (1kHz)
Ambient temperature, Ta --
°C
200Hz
1kHz
5kHz
VCC = 3V
RL = 10kΩ
W/Filter (100kHz LPF)


Similar Part No. - LA8630MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8630M SANYO-LA8630M Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results

Similar Description - LA8630MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Micross Components
AS58C1001 MICROSS-AS58C1001 Datasheet
242Kb / 20P
   Low power dissipation, active current
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com