Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA-US Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DA-US
Description  Total Power: 12 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA-US Datasheet(HTML) 1 Page - Artesyn Technologies

  DA-US Datasheet HTML 1Page - Artesyn Technologies DA-US Datasheet HTML 2Page - Artesyn Technologies DA-US Datasheet HTML 3Page - Artesyn Technologies DA-US Datasheet HTML 4Page - Artesyn Technologies DA-US Datasheet HTML 5Page - Artesyn Technologies DA-US Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWER
DA12-M Series
12 Watts
Total Power: 12 Watts
Input Voltage: 90 - 264 Vac
# of Outputs: Single
Special FeatureS
ƒ
5 V and 12 V versions
ƒ
Medical and ITE Safeties
ƒ
Switching wallmount
power supply
ƒ
Available in interchangeable &
fixed ac plug configurations
ƒ
CE Mark EMC, LVD & ErP 2011
ƒ
Universal AC input
ƒ
Fully regulated output
ƒ
Overload and short circuit
protection
ƒ
Thermal protection
ƒ
Energy Star and CeC compliant
ƒ
Efficiency level V
ƒ
Constant voltage
ƒ
High MTBF
ƒ
Built in EMI filter
(CISPR 22 Class B)
SaFety
ƒ
UL
60950, 60601-1
ƒ
cUL
60950, 60601-1
ƒ
TUV
60950-1, 60601-1
ƒ
AS/NZS
60950-1, 60601-1
ƒ
CB
Certificate and report
ƒ
CE
EMC, LVD & ErP 2011
for EU & UK versions
ƒ
PSE
Denan
ƒ
CCC
<2000M, No Tropical
Electrical Specifications
Input
Input range:
90 - 264 Vac (wide range)
Frequency:
47 - 63Hz
Inrush current:
28 A @ 264 Vac
Input current:
0.25 A rms @ 120 Vac; 0.15 A @ 240 Vac
EMI/RFI:
FCC Part 15, Subpart B Class B & EN55022
(CISPR 22) Class B
Safety ground leakage current:
100 μA @ 50/60 Hz, 264 Vac input
Output
Voltage (Vo):
5.0 V and 12.0 V
Voltage regulation:
± 5% @ constant voltage mode
Maximum Power (Po):
12 W for 12 V models, 10 W for 5 V models
Hold-up time:
10 ms. typical at full load @ 230 Vac
Overvoltage protection:
Non-latching type
Overload protection:
Output shortcircuit protection auto recover
Overload protected @ 150% above maximum rating
Overtemperature protection:
Auto recovery
Output cable/connector
barrel polarity:
DC cable with 2.5 mm x 5.5mm barrel plug, 2.1 mm x 5.5 mm
available on DC multi-plug version. For others please contact factory.
DC plug center +v
DC plug outer -v
Data Sheet


Similar Part No. - DA-US

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
   Expansion module with a universal PCI expansion slot
More results

Similar Description - DA-US

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
   Total Power: 1600 Watts
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
   Total Power: 360 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com