Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS850-5 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS850-5
Description  Distributed Power Bulk Front-End
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS850-5 Datasheet(HTML) 4 Page - Artesyn Technologies

  DS850-5 Datasheet HTML 1Page - Artesyn Technologies DS850-5 Datasheet HTML 2Page - Artesyn Technologies DS850-5 Datasheet HTML 3Page - Artesyn Technologies DS850-5 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS650/DS850 Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2015 Artesyn Embedded Technologies, Inc.
www.artesyn.com
DS650/DS850-DS 08May2015
DC Output Connector Pinout Assignment
Male connector as viewed from the rear of the supply:
D1
D2
D3
D4
D5
D6
PB1
PB2
PB3
PB4
PB5
PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6
Pin Assignments
Pin
Signal Name
PB 1
MAIN O/P RETURN
PB 2
MAIN O/P RETURN
PB 3
MAIN O/P RETURN
PB 4
+ MAIN O/P
PB 5
+ MAIN O/P
PB 6
+ MAIN O/P
A1
PS_ON
A2
MAIN O/P V RMT SENSE RETURN
A3
TEMP_OK
A4
PS_SEATED ( Power Supply Seated)
A5
+3V3 STAND-BY
A6
+3V3SB RETURN
B1
AC_OK (AC Input Present)
B2
MAIN O/P RMT SENSE
B3
MAIN O/P CURRENT SHARE
B4
PS_INHIBIT
B5
+3V3 STAND-BY
B6
+3V3SB RETURN
Pin Assignments
Pin
Signal Name
C1
SDA (I2C Data Signal)
C2
SCL (I2C Clock Signal)*
C3
POWER GOOD
C4
FAN FAIL (Fan Fail Signal)
C5
+3V3 STAND-BY
C6
+3V3SB RETURN
D1
A0 (I2C Address BIT 0 Signal)
D2
A1 (I2C Address BIT 1 Signal)
D3
S_INT (Alarm)
D4
+3V3 STAND-BY RMT SENSE
D5
+3V3 STAND-BY
D6
+3V3SB RETURN
*Supports I2C standard mode (100 kHz) only
P1 - Power Supply Side
1
FCI Power Blade 51721 series
51721-10002406AA
2
Molex Power Connector
SD-87667 series
87667-7002
Mating Connector (System Side)
1
FCI Power Blade
51741-10002406CC
Strait Pins
2
FCI Power Blade
51761-10002406AA
Right Angle


Similar Part No. - DS850-5

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS850-3 ASTEC-DS850-3 Datasheet
100Kb / 4P
   850 Watts 12V
logo
Emerson Network Power
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
   Distributed Power System
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
   850 Watts 48V Distributed Power System
More results

Similar Description - DS850-5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
logo
Artesyn Technologies
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
   Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com