Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B2065J Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ICE3B2065J
Description  Off-Line SMPS Cur rent Mode Controller with integrated 650V
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B2065J Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ICE3B2065J Datasheet HTML 3Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 4Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 5Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 6Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 7Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 8Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 9Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 10Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Version 2.9
7
25 Mar 2013
CoolSET®-F3
ICE3Bxx65J
3
Functional Description
All values which are used in the functional description
are typical values. For calculating the worst cases the
min/max values which can be found in section 4
Electrical Characteristics have to be considered.
3.1
Introduction
CoolSET
®-F3 Jitter version is the further development
of the CoolSET
®-F2 to meet the requirements for the
lowest Standby Power at minimum load and no load
conditions. A new fully integrated Standby Power
concept is implemented into the IC in order to keep the
application design easy. Compared to CoolSET
®-F2 no
further external parts are needed to achieve the lowest
Standby Power. An intelligent Active Burst Mode is
used for this Standby Mode. After entering this mode
there is still a full control of the power conversion by the
secondary side via the same optocoupler that is used
for the normal PWM control. The response on load
jumps is optimized. The voltage ripple on V
out
is
minimized. V
out is further on well controlled in this
mode.
The usually external connected RC-filter in the
feedback line after the optocoupler is integrated in the
IC to reduce the external part count.
Furthermore a high voltage Startup Cell is integrated
into the IC which is switched off once the Undervoltage
Lockout on-threshold of 18V is exceeded. This Startup
Cell is part of the integrated CoolMOS
®. The external
startup resistor is no longer necessary as this Startup
Cell is connected to the Drain. Power losses are
therefore reduced. This increases the efficiency under
light load conditions drastically.
The Soft-Start capacitor is also used for providing an
adjustable blanking window for high load jumps. During
this time window the overload detection is disabled.
With this concept no further external components are
necessary to adjust the blanking window.
An Auto Restart Mode is implemented in the IC to
reduce the average power conversion in the event of
malfunction or unsafe operating condition in the SMPS
system.
This
feature
increases
the
system’s
robustness and safety which would otherwise lead to a
destruction of the SMPS. Once the malfunction is
removed, normal operation is automatically initiated
after the next Start Up Phase.
The internal precise peak current limitation reduces the
costs for the transformer and the secondary diode. The
influence of the change in the input voltage on the
power limitation can be avoided together with the
integrated
Propagation
Delay
Compensation.
Therefore the maximum power is nearly independent
on the input voltage which is required for wide range
SMPS. There is no need for an extra over-sizing of the
SMPS, e.g. the transformer or the secondary diode.
3.2
Power Management
Figure 3
Power Management
The Undervoltage Lockout monitors the external
supply voltage V
VCC. When the SMPS is plugged to the
main line the internal Startup Cell is biased and starts
to charge the external capacitor C
VCC
which is
connected to the VCC pin. The VCC charge current
that is provided by the Startup Cell from the Drain pin is
1.05mA.
When
V
VCC
exceeds
the
on-threshold
V
CCon=18V,
bias circuit is switched on. Then the
Startup Cell is switched off by the Undervoltage
Lockout and therefore no power losses present due to
the connection of the Startup Cell to the Drain voltage.
To avoid uncontrolled ringing at switch-on a hysteresis
is implemented. The switch-off of the controller can
only take place after active mode was entered and
V
VCC falls below 10.3V.
The
maximum
current
consumption
before
the
controller is activated is about 300uA.
Internal Bias
Voltage
Reference
Power Management
5V
VCC
Undervoltage Lockout
18V
10.3
T1
Power-Down Reset
SoftS
Active Burst
Mode
Auto Restart
Mode
Startup Cell
Drain


Similar Part No. - ICE3B2065J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3B2065J INFINEON-ICE3B2065J Datasheet
938Kb / 28P
   CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
More results

Similar Description - ICE3B2065J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR1765JZ INFINEON-ICE3BR1765JZ Datasheet
565Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com