Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3103 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC3103
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3103 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC3103 Datasheet HTML 1Page - Linear Integrated Systems LTC3103 Datasheet HTML 2Page - Linear Integrated Systems LTC3103 Datasheet HTML 3Page - Linear Integrated Systems LTC3103 Datasheet HTML 4Page - Linear Integrated Systems LTC3103 Datasheet HTML 5Page - Linear Integrated Systems LTC3103 Datasheet HTML 6Page - Linear Integrated Systems LTC3103 Datasheet HTML 7Page - Linear Integrated Systems LTC3103 Datasheet HTML 8Page - Linear Integrated Systems LTC3103 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4420
5
4420f
For more information www.linear.com/LTC4420
V1 Reverse Voltage Blocking
with V2 Powering Out
Typical perForMance characTerisTics
Switch RON vs Temperature
IOUT vs VOUT for Different Input
Supply Voltages
Output Current Limit vs Temperature
Switchover from a Higher to a
Lower Voltage
Freshness Seal Current vs
V2 Voltage and Temperature
Output Voltage and Current
Waveforms During Switchover
Output Current IOUT Response for
Different Shorting Impedances
(TA = 25°C, V1 = V2 = 3.6V unless otherwise indicated)
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.80
0.90
1.00
1.10
1.20
1.30
1.40
4420 G10
OHMIC
CURRENT
LIMIT
FOLDBACK
VIN = 1.8V
VIN = 3.6V
VIN = 5V
VOUT (V)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
1.2
4419 G12
5V
3.6V
2V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1
2
3
4
5
4419 G13
V1 = 0V
1.8V
3.6V
5V
≥6V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
50
100
150
200
250
4420 G14
COUT = 10µF
IOUT = 200mA
DISCONNECT FROM V1
CONNECT TO V2
3ms/DIV
V1
OUT
2V/DIV
V2
4419 G15
COUT = 10µF
ILOAD= 50mA
C1= C2 = 10µF
OUT
10V
6V
10µs/DIV
V2
IOUT
0.5A/DIV
V1
2V/DIV
4420 G16
ILOAD = 50mA
6V
–10V
10V
20ms/DIV
V2
5V/DIV
V1
10V/DIV
IOUT
0.5A/DIV
4420 G17
1.2Ω
2.2Ω
3.3Ω
3.9Ω
5Ω
40µs/DIV
0
0.5
1.0
1.5
2.0
2.5
3.0
4419 G11


Similar Part No. - LTC3103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3103 LINER-LTC3103 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
logo
Linear Integrated Syste...
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC3103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420IMSE LINEAR-LTC4420IMSE Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4419CMSE LINEAR-LTC4419CMSE Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com