Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-858 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-858
Description  PRESSURE TRANSDUCERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-858 Datasheet(HTML) 1 Page - Copal Electronics

  PA-858 Datasheet HTML 1Page - Copal Electronics PA-858 Datasheet HTML 2Page - Copal Electronics PA-858 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRESSURE TRANSDUCERS
WITH AMP.
INSTRUCTION MANUAL Ver.2.1
PA-858
series
:Part name
:Rated pressure range
  102:100[kPa]  302:300[kPa]  352:350[kPa]  502:500[kPa]
  103:1 [MPa]
:Pressure reference
  G:Positive pressure(Gauge)
A:Absolute pressure
  V:Vacuum pressure(Gauge)
R:Compound pressure(Gauge)
:Fitting
  R2:R1/4(PT1/4)  GF:G3/8(PF3/8)
  G2:G1/4(PF1/4)
! The product can be used for corrosive gases/liquids compatible with SUS316L.
! Never take in the over-pressure exceeding the maximum pressure which is the double of rated pressure.
! Never insert any foreign matters, like wire or needle, into the pressure port hole.
! Do not touch or scratch the diaphragm at the edge of the GF fitting, as this may alter the performance characteristics or damage the diaphragm,
and cause malfunctions.
! Do not give any unnecessary force to the main body and the cable when installing the product.
! Be sure to connect the output terminals correctly. Wrong connection will cause damage of the internal electric circuit.
! This product is dust proof and drip proof(to IP65 of IEC standards)and is not suitable for use in environments requiring higher standards.
! Please supply a stable power source.
! Place the wirings as far away as possible from the power lines carrying large power.
*Please confirm the part number of the product you purchased.
1. NOTES OF HANDLING
2. PART NUMBER DESIGNATION
Thank you for purchasing NIDEC COPAL
ELECTRONICS CORP. product.
In order to use the product correctly and most
appropriately, please completely read this manual
before use and keep it for future reference.
Nishi-Shinjuku Kimuraya Bldg. , 7-5-25
Nishi-Shinjuku Shinjuku-ku Tokyo 160-0023, Japan
Phone:
(03)3364-7055 Fax:
(03)3364-7098
For more detailed information please ask for the nearest
distributor or the following sales center.
NIDEC COPAL ELECTRONICS CORPRATION
This indicates the precaution in handling and/or the risk in misusing.
PA−858−□□□ □−□□


Similar Part No. - PA-858

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-858-102A-G2 COPAL-PA-858-102A-G2 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-858-102A-GF COPAL-PA-858-102A-GF Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-858-102A-R2 COPAL-PA-858-102A-R2 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-858-102G-G2 COPAL-PA-858-102G-G2 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-858-102G-GF COPAL-PA-858-102G-GF Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
More results

Similar Description - PA-858

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
PA-708 COPAL-PA-708 Datasheet
561Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com