Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3129 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC3129
Description  18V Dual Input Micropower PowerPath Prioritizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3129 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC3129 Datasheet HTML 6Page - Linear Integrated Systems LTC3129 Datasheet HTML 7Page - Linear Integrated Systems LTC3129 Datasheet HTML 8Page - Linear Integrated Systems LTC3129 Datasheet HTML 9Page - Linear Integrated Systems LTC3129 Datasheet HTML 10Page - Linear Integrated Systems LTC3129 Datasheet HTML 11Page - Linear Integrated Systems LTC3129 Datasheet HTML 12Page - Linear Integrated Systems LTC3129 Datasheet HTML 13Page - Linear Integrated Systems LTC3129 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4419
10
4419f
For more information www.linear.com/LTC4419
where IOUT is the current supplied by COUT during non-
overlap or “dead” time tNOV. Choosing:
COUT
tNOV •IOUT
∆VOUT
(5)
limits output droop to less than
∆VOUT.
In order to estimate tNOVandIOUT,firstconsiderascenario
where power supplies are present on both V1 and V2, and
their voltages are changing slowly compared to the ADJ
comparator propagation delay tPDA. In such cases, IOUT is
ILOAD and tNOV is tSWITCH. COUT can be sized according to
equation 5 with IOUT = ILOAD(MAX) and tNOV = tSWITCH(MAX)
tolimitmaximumoutputdroopwhenswitchingtoahigher
supply. When switching to a lower supply, switchover is
initiated only after OUT falls VREV below the supply that
is being switched in. In such cases, total output droop is
∆VOUT + VREV.
Next consider a scenario where the input power source
powering OUT is unplugged. OUT back-feeds circuitry
connected to the input supply pin. Both input and output
droop at the same rate. Referring to Figure 1, assume
the battery on V1 is unplugged when OUT is connected
to V1. IOUT is the sum of ILOAD and the reverse current
IBACK, which in this example is IR3. As OUT and V1, since
the two are connected, droop below the ADJ threshold,
switchover occurs to V2 with a dead time:
tNOV = tPDA + tSWITCH
(6)
where tPDA is an overdrive dependent ADJ comparator
delay. As an approximation, use tPDA from the Electrical
Characteristics table to estimate tNOV. Use this tNOV and:
IOUT = (IBACK + ILOAD)
(7)
in equation 5 to size COUT:
COUT
tPDA +tSWITCH
(
)•IOUT
∆VOUT
(8)
RefertoFigure2foramoreaccurateestimateoftPDAversus
dVOUT/dt. If ADJ is filtered with capacitor, its discharge
time via divider R1-R3 increases tPDA. This results in a
higher output droop than estimated by equation 8.
applicaTions inForMaTion
In order to limit output rising slew rate dVOUT/dt, size:
COUT
ILIM
dVOUT
dt
(9)
as the LTC4419 limits OUT charging current to ILIM until
OUT approaches the input supply to within ILIM • RON,
where RON is the channel switch resistance. Refer to the
Thermal Protection and Maximum COUT section to deter-
mine maximum allowed COUT.
Inductive Effects
Parasitic inductance and resistance can impact circuit
performance by causing overshoot and undershoot of
inputandoutputvoltagesdependingonthescenario.Para-
sitic inductance in the power path causes positive-going
overshoot on the input and a negative-going undershoot
on the output when the LTC4419 turns off. Another cause
of positive input overshoot is R-L-C tank ringing during
hot plug of an input supply. Input overshoot is most pro-
nounced when the total resistance of the input tank is low.
Care must be taken to ensure overvoltage transients do
not exceed the absolute maximum ratings of the LTC4419.
Additionally,parasiticresistanceandinductancecancause
input undershoot during power path turn-on. If severe
enough, undershoot can temporarily invalidate a supply
and cause repeated power up cycles (“motorboating”) or
unwanted switchover between sources.
dVADJ/dt (V/s)
10
100
1k
10k
100k
0
25
50
75
100
125
4419 F02
Figure 2. ADJ Comparator Propagation Delay
as a Function of Slew Rate; tPDA vs dVADJ/dt


Similar Part No. - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
More results

Similar Description - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420CDD LINEAR-LTC4420CDD Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4420IMSE LINEAR-LTC4420IMSE Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
   Dual PowerPath Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com