Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3129 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC3129
Description  18V Dual Input Micropower PowerPath Prioritizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3129 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC3129 Datasheet HTML 4Page - Linear Integrated Systems LTC3129 Datasheet HTML 5Page - Linear Integrated Systems LTC3129 Datasheet HTML 6Page - Linear Integrated Systems LTC3129 Datasheet HTML 7Page - Linear Integrated Systems LTC3129 Datasheet HTML 8Page - Linear Integrated Systems LTC3129 Datasheet HTML 9Page - Linear Integrated Systems LTC3129 Datasheet HTML 10Page - Linear Integrated Systems LTC3129 Datasheet HTML 11Page - Linear Integrated Systems LTC3129 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4419
8
4419f
For more information www.linear.com/LTC4419
operaTion
The Functional Diagram shows the major blocks of the
LTC4419. The LTC4419 is a PowerPath prioritizer that
switches output OUT between primary (V1) and backup
(V2) sources depending on their validity and priority with
V1 having the highest priority. If neither supply is valid,
OUTstaysunpowered.AresistivedividerbetweenV1,ADJ
and GND and comparators CUV1 and CADJ are used to
monitor V1’s voltage to establish validity. V1 is valid if V1
≥ 1.55V and ADJ ≥ 1.097V for 64ms after V1 rises above
1.55V. Otherwise V1 is invalid. V2 is valid if its voltage as
monitored by comparator CUV2 is ≥1.55V. Otherwise, it
is invalid. Switchover threshold is independent of relative
V1 and V2 voltages, permitting V1 to be lower or higher
than V2 when V1 powers OUT and vice versa.
Powerconnectiontotheoutputismadebyenhancingback-
to-back internal P-channel MOSFETs. Current passed by
the MOSFETs is limited to typically 1.1A if OUT is greater
than 1V. Otherwise it is limited to 250mA. When switching
from V1 to V2, the V1 to OUT power path is first disabled
and comparator CREV2 is enabled. After the OUT voltage
drops 50mV below V2, as detected by CREV2, OUT is
then connected to V2. V2ON pulls high after switchover.
This break-before-make strategy prevents OUT from
backfeeding V2. Switchover back to V1 occurs in a similar
manner once V1 has been revalidated. V2ON pulls low if
the V2 power path is disabled and during initial power-up
when V1 or V2 is first applied.
The LTC4419 blocks reverse voltages up to –15V when
a reverse condition occurs on an inactive channel. The
LTC4419 also disables a channel if the corresponding
input supply falls below 1.52V. A small ~3µA current is
drawnfromeithertheprioritizedinputsupplyorthehighest
input supply if both input supplies are below 1.55V. Very
little current (~320nA) is drawn from the unused supply.
The LTC4419 provides two additional comparators, CP1
and CP2, whose open-drain outputs pull low when CMP1
and CMP2 pin voltages fall below 0.387V and during initial
power-up. These comparators can be used to monitor
supplies to provide early power failure warning and other
useful information.
The LTC4419 can be put into a V2 freshness seal mode
to prevent battery discharge during storage or shipment.
The Applications Information section lists the steps to
engage and disengage V2 freshness seal.


Similar Part No. - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
More results

Similar Description - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4419CMSE LINEAR-LTC4419CMSE Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420CDD LINEAR-LTC4420CDD Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4420IMSE LINEAR-LTC4420IMSE Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
   Dual PowerPath Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com