Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

102304480001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 102304480001
Description  F 1,27 SRC A IDC 06-pin KS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

102304480001 Datasheet(HTML) 1 Page - ERNI Electronics

  102304480001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Index
SRCA
contact one of the ERNI companies
A3
Class
a
d=1,27 AWG 22 Positive Lock
F 1,27 SRC A IDC 06-pin KS
102304480001
5:1
K
06.07.2016
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
nur mit Hilfsmittel lösbar, für Einzeladern, für die Anforderung
nach PG 9 der LV214 (Koshiri-Sicherheit)
only with tool unlockable, for single conductors, for the
requirement of the LV214 PG 9 (Koshiri-security)
Kabelführung: rot
cable guide: red
Kabelführung verpresst
(cable guide pressed on)
Funktionsrelevantes
Prüfmerkmal
siehe Verarbeitungsspezifikation
MiniBridge ERNI Electronics GmbH
3 ±0,05
packaging unit 168 pcs
Verpackt in Tray
-
tray packaging
Verpackungseinheit 168 Stück -
X
max. 346
mit aufgesetzter
Kabelführung
(Anlieferungszustand)
with cable guide mounted
(state at time of supply)
4,7
Federkontakt AWG 22 -
Female Contact AWG 22
Kabelführung Ø1,27 -
cable guide Ø1,27
Einzelheit X -
detail X
M 2:1
8,46
9,37
1,27
5 x 1,27 = 6,35
Kontaktbezeichnung
contact marking
12,7
4,5
6,5


Similar Part No. - 102304480001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102304240001 ERNI-102304240001 Datasheet
44Kb / 1P
   F 2,54 SRC-A, 3-polig BA 2
More results

Similar Description - 102304480001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101703240001 ERNI-101703240001 Datasheet
60Kb / 1P
   F 1,27 SRC A IDC 06-pin
100703210051 ERNI-100703210051 Datasheet
51Kb / 1P
   F 1,27 SRC A IDC 06-pin
100803240001 ERNI-100803240001 Datasheet
53Kb / 1P
   F 1,27 SRC A IDC 06-pin
100203200030 ERNI-100203200030 Datasheet
56Kb / 1P
   F 1.27 SRC A IDC 06-pin KS
100403590001 ERNI-100403590001 Datasheet
68Kb / 1P
   F 1.27 SRC A IDC 06 pin KS
100203200023 ERNI-100203200023 Datasheet
57Kb / 1P
   F 1.27 SRC A IDC 06-pin KS
100103200030 ERNI-100103200030 Datasheet
57Kb / 1P
   F 1.27 SRC A IDC 06-pin KS
100203210061 ERNI-100203210061 Datasheet
54Kb / 1P
   F 1.27 SRC A IDC 06-pin KS
101600850003 ERNI-101600850003 Datasheet
57Kb / 1P
   F 1,27 SRC A IDC 08-pin KS
102104480001 ERNI-102104480001 Datasheet
58Kb / 1P
   F 1,27 SRC A IDC 08-pin KS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com