Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6032A2B4YFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6032A2B4YFFT
Description  TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6032A2B4YFFT Datasheet(HTML) 1 Page - Texas Instruments

  TWL6032A2B4YFFT Datasheet HTML 1Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 2Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 3Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 4Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 5Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 6Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 7Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 8Page - Texas Instruments TWL6032A2B4YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TWL6032
SWCS076B – DECEMBER 2011 – REVISED AUGUST 2014
TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
1
Device Overview
1.1
Features
1
• Five Highly Efficient Buck Converters
• Control:
– One 3 MHz, 0.6 to 2.1 V at 5.0 A, DVS-Capable
– Configurable Power-Up and Power-Down
Sequences (OTP Memory)
– One 6 MHz, 0.6 to 2.1 V at 2.5 A, DVS-Capable
– Configurable Sequences Between SLEEP and
– Three 6 MHz, 0.6 to 2.1 V at 1.1 A, One Is DVS-
ACTIVE States (OTP Memory)
Capable
– Three Digital Output Signals that can be
– Extended Mode for Higher Output Voltages
Included in the Startup Sequence to Control
• 11 General-Purpose Low-Dropout Voltage
External Devices
Regulators (LDOs)
– Two Inter-Integrated Circuit (I2C) Interfaces
– Six 1.0 to 3.3 V at 0.2 A With Battery or
– All Resources Configurable by I2C
Preregulated Supply:
• System Voltage Regulator and Battery Charger
One Can be Used as Vibrator Driver
With Power Path From USB:
One 1.0 to 3.3 V at 50 mA With Battery or
– Input Current Limit to Comply With USB
Preregulated Supply
Standard
One Low-Noise 1.0 to 3.3 V at 50 mA With
– 3-MHz Switched-Mode Regulator With
Battery or Preregulated Supply
Integrated Power FET for up to 2.0-A Current
One 3.3 V at 100 mA USB LDO
– Dedicated Control Loop for Battery Current and
Two LDOs for TWL6032 Internal Use
Voltage
• USB OTG Module:
– External Low-Ohmic FET for Power Path and
– ID Detection, Accessory Charger Adapter (ACA)
Battery Charging
Support
– Boost Mode Operation for USB OTG
– Accessory Detection Protocol (ADP) Support
– Supplement Mode to Deliver Current From
• Backup Battery Charger
Battery During Power Path Operation
• 12-Bit Sigma-Delta Analog-to-Digital Converter
– Charger for Single-Cell Li-Ion and Li-Polymer
(ADC) With 19 Input Channels:
Battery Packs
– Seven External Input Channels
– Safety Timer and Reset Control
• 13-Bit Coulomb Counter With Four Programmable
– Thermal Protection
Integration Periods
– Input/Output Overvoltage Protection
• Low-Power Consumption:
– Charging Indicator LED Driver
– 8 µA in BACKUP State
– Compliant With:
– 20 µA in WAIT-ON State
USB 2.0
– 110 µA in SLEEP State, With Two DC-DC
OTG and EH 2.0
Converters Active
USB Battery Charging 1.2
• Real-Time Clock (RTC) With Timer and Alarm
YD/T 1591-2006
Wake-Up:
Japanese Battery Charging Guidelines
– Three Buffered 32-kHz Outputs
(JEITA)
• SIM and SD/MMC Card Detections
• Battery Voltage Range From 2.5 to 5.5 V
• Two Digital PWM Outputs
• Package 5.21-mm × 5.36-mm 155-Pin WCSP
• Thermal Monitoring:
– High-Temperature Warning
– Thermal Shutdown
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains
PRODUCTION DATA.


Similar Part No. - TWL6032A2B4YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6032A1B0YFFR TI1-TWL6032A1B0YFFR Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032A1B0YFFT TI1-TWL6032A1B0YFFT Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032A1B4YFFR TI1-TWL6032A1B4YFFR Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032A1B4YFFT TI1-TWL6032A1B4YFFT Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032A1B6YFFR TI1-TWL6032A1B6YFFR Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
More results

Similar Description - TWL6032A2B4YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Richtek Technology Corp...
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com