Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVS883 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS883
Description  24 V, Eight-Channel Digital-Input Serializer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS883 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVS883 Datasheet HTML 1Page - Texas Instruments SN65HVS883 Datasheet HTML 2Page - Texas Instruments SN65HVS883 Datasheet HTML 3Page - Texas Instruments SN65HVS883 Datasheet HTML 4Page - Texas Instruments SN65HVS883 Datasheet HTML 5Page - Texas Instruments SN65HVS883 Datasheet HTML 6Page - Texas Instruments SN65HVS883 Datasheet HTML 7Page - Texas Instruments SN65HVS883 Datasheet HTML 8Page - Texas Instruments SN65HVS883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
SN65HVS883
SLASEE6 – SEPTEMBER 2016
www.ti.com
Product Folder Links: SN65HVS883
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V24
Field power input
V24
–0.3
36
V
VIPx
Field digital inputs
IPx
–0.3
36
V
VID
Voltage at any logic input
DB0, DB1, CLK, SIP, CE, LD
–0.5
6
V
IO
Output current
CHOK, SOP
±8
mA
PTOT
Continuous total power dissipation
See Thermal Information table
TJ
Junction temperature
170
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC Standard 22, Method A115-A.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-
001(1)
All pins
±4000
V
IPx,V24
±15000
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
All pins
±1000
Machine Mode(3)
All pins
±100
(1)
Field input voltages correspond to an input resistor of RIN = 1.2 kΩ
(2)
Maximum data rate corresponds to 0 ms debounce time, (DB0 = open, DB1 = FGND), and RIN = 0 Ω
6.3
Recommended Operating Conditions
MIN
TYP
MAX
UNIT
V24
Field supply voltage
10
24
34
V
VIPL
Field input low-state input voltage(1)
0
4
V
VIPH
Field input high-state input voltage(1)
10
34
V
VIL
Logic low-state input voltage
0
0.8
V
VIH
Logic high-state input voltage
2
5.5
V
RLIM
Current limiter resistor
17
25
500
k
fIP
Input data rate(2)
0
1
Mbps
TJ
150
°C
TA
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN65HVS883
UNIT
PWP (HTSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
35
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
4.27
°C/W
RθJB
Junction-to-board thermal resistance
15
°C/W
PD
Device power dissipation
ILOAD = 50 mA, RIN = 0, IPO–IP7 = V24 = 30 V,
RE7 = FGND, fCLK = 100 MHz,
IIP-LIM and ICC = worst case with RLIM = 25 kΩ
2591
mW


Similar Part No. - SN65HVS883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS880PWP TI-SN65HVS880PWP Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS880PWPG4 TI-SN65HVS880PWPG4 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS880PWPR TI-SN65HVS880PWPR Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS880PWPRG4 TI-SN65HVS880PWPRG4 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
More results

Similar Description - SN65HVS883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS885 TI1-SN65HVS885_15 Datasheet
1Mb / 28P
[Old version datasheet]   34-V Digital-Input Serializer
SN65HVS885 TI1-SN65HVS885 Datasheet
828Kb / 21P
[Old version datasheet]   34 V, Digital-Input Serializer for 5V Systems
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com